Electronic Components Datasheet Search
  English  ▼

X  

MAX894LC Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX894LC
Description  Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX894LC Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX894LC Datasheet HTML 1Page - Maxim Integrated Products MAX894LC Datasheet HTML 2Page - Maxim Integrated Products MAX894LC Datasheet HTML 3Page - Maxim Integrated Products MAX894LC Datasheet HTML 4Page - Maxim Integrated Products MAX894LC Datasheet HTML 5Page - Maxim Integrated Products MAX894LC Datasheet HTML 6Page - Maxim Integrated Products MAX894LC Datasheet HTML 7Page - Maxim Integrated Products MAX894LC Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Dual, Current-Limited, High-Side P-Channel
Switches with Thermal Shutdown
_______________________________________________________________________________________
7
_______________Detailed Description
The MAX894L/MAX895L P-channel MOSFET power
switches limit output current to a user-programmed
level. When the output current is increased beyond the
set current level, the current also increases through the
replica switch (IOUT/1050) (MAX895) and through RSET
(Figure 1). The current-limit error amplifier compares
the voltage across RSET to the internal 1.24V reference,
and regulates the current back to the lesser of the pro-
grammed current limit (ILIMIT) or the maximum current
limit (IMAX).
These switches are not bidirectional; therefore, the
input voltage must be higher than the output voltage.
Setting the Current Limit
The MAX894L/MAX895L feature internal current-limiting
circuitry with maximum programmable values (IMAX) of
500mA, and 250mA, respectively. For best perfor-
mance, set the current limit (ILIMIT) between 0.2IMAX
≤
ILIMIT
≤ IMAX. This current limit remains in effect
throughout the input supply-voltage range.
Program the current limit with a resistor (RSET_) con-
nected from SET_ to ground (Figure 2) as follows:
ISET = ILIMIT / IRATIO
RSET = 1.24V / ISET = (1.24V x IRATIO) / ILIMIT
where ILIMIT is the desired current limit for either switch
and IRATIO is the IOUT to ISET current ratio (1085A/A for
the MAX894L and 1050A/A for the MAX895L.
Short-Circuit Protection
The MAX894L/MAX895L are short-circuit-protected
switches. In the event of an output short circuit or cur-
rent-overload condition, the current through either switch
is limited by the internal current-limiting error amplifier to
1.5 x ILIMIT. When the fault condition is removed, the
replica error amplifier sets the current limit back to ILIMIT.
For a high
∆VDS/∆t during an output short-circuit condi-
tion, the switch turns off and disconnects the input supply
from the output. The current-limiting amplifier then slowly
turns the switch on with the output current limited to
1.5 x ISET. When the fault condition is removed, the current
limit is set back to ILIMIT. Refer to Current-Limit Response
graphs in the Typical Operating Characteristics.
Thermal Shutdown
The MAX894L/MAX895L feature thermal shutdown. The
switch turns off when the junction temperature exceeds
+135°C. Once the device cools by 10°C, the switch turns
back on. If the fault short-circuit condition is not
removed, the switch cycles on and off, resulting in a
pulsed output.
__________Applications Information
Input Capacitor
To limit input voltage drop during momentary output
short-circuit conditions, place a capacitor from IN to
GND. A 1
µF ceramic capacitor is adequate for most
applications; however, higher capacitor values further
reduce voltage drop at the input.
Output Capacitor
Connect a 0.1
µF capacitor from OUT to GND. This
capacitor prevents inductive parasitics from pulling
OUT negative during turn-off.
Layout and Thermal-Dissipation
Consideration
To take full advantage of the switch-response time to
output short-circuit conditions, it is very important to
keep all traces as short as possible, reducing the effect
of undesirable parasitic inductance. Place input and
output capacitors as close as possible to the device
(no more than 5mm).
Under normal operating conditions, the package can
dissipate and channel heat away. Calculate the maxi-
mum power as follows:
P = I2LIMITA x R ONA + I2LIMITB x R ONB
where R ONA and R ONB are the on-resistances of
switches A and B, respectively.
When one or both outputs are short circuited, the volt-
age drop across the switch equals the input supply.
Hence, the power dissipated across the switch increas-
es, as does the die temperature. If the fault condition is
not removed, the thermal-overload-protection circuitry
turns the switch off until the die temperature falls by
10°C. A ground plane in contact with the device helps
to further dissipate heat.
MAX894L
MAX895L
SET
R SET
GND
Figure 2. Setting the Current Limit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com