Electronic Components Datasheet Search
  English  ▼

X  

MAX894LC Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX894LC
Description  Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX894LC Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX894LC Datasheet HTML 1Page - Maxim Integrated Products MAX894LC Datasheet HTML 2Page - Maxim Integrated Products MAX894LC Datasheet HTML 3Page - Maxim Integrated Products MAX894LC Datasheet HTML 4Page - Maxim Integrated Products MAX894LC Datasheet HTML 5Page - Maxim Integrated Products MAX894LC Datasheet HTML 6Page - Maxim Integrated Products MAX894LC Datasheet HTML 7Page - Maxim Integrated Products MAX894LC Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Dual, Current-Limited, High-Side P-Channel
Switches with Thermal Shutdown
_______________________________________________________________________________________
5
2
µs/div
CIN = 47
µF, COUT = 0.1µF
A: VIN, 500mV/div, AC coupled
CURRENT-LIMIT RESPONSE
(MAX894L, RL = 1
Ω)
A5V
0A
0V
B
C
B: IOUT, 2A/div
C: VOUT, 5V/div
MAX894/895/896 TOC-9
1
µs/div
CIN = 47
µF, COUT = 0.1µF
A: VIN, 500mV/div, AC coupled
CURRENT-LIMIT RESPONSE
(MAX894L, RL = 0.7
Ω)
A
5V
0A
0V
B
C
B: IOUT, 2A/div
C: VOUT, 5V/div
MAX894/895/896 TOC-10
VIN = 5V, IOUT = ILIMIT
A: VON, 2V/div
B: VOUT, 2V/div
SWITCH TURN-ON TIME
A
B
20µs/div
MAX894/895/896 TOC-11
SWITCH TURN-OFF TIME
A
B
0V
0V
2µs/div
VIN = 5V, IOUT = ILIMIT
A: VON, 2V/div
B: VOUT, 2V/div
MAX894/895/896 TOC-12
____________________________Typical Operating Characteristics (continued)
(Typical Operating Circuit, TA = +25°C, unless otherwise noted.)
2ms/div
VIN = 5V
A: IOUT = 0 to 500mA, 0.2A/div
B: VOUT RIPPLE, 200mV/div, AC COUPLED
LOAD-TRANSIENT RESPONSE
(MAX894L)
A
0A
0V
B
MAX494/495/496 TOC-13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com