Electronic Components Datasheet Search
  English  ▼

X  

MAX792ESE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX792ESE
Description  Microprocessor and Nonvolatile Memory Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX792ESE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX792ESE Datasheet HTML 7Page - Maxim Integrated Products MAX792ESE Datasheet HTML 8Page - Maxim Integrated Products MAX792ESE Datasheet HTML 9Page - Maxim Integrated Products MAX792ESE Datasheet HTML 10Page - Maxim Integrated Products MAX792ESE Datasheet HTML 11Page - Maxim Integrated Products MAX792ESE Datasheet HTML 12Page - Maxim Integrated Products MAX792ESE Datasheet HTML 13Page - Maxim Integrated Products MAX792ESE Datasheet HTML 14Page - Maxim Integrated Products MAX792ESE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Microprocessor and Nonvolatile
Memory Supervisory Circuits
______________________________________________________________________________________
11
Reset Outputs (RESET and RESET)
The RESET output is active low and typically sinks 1.6mA
at 0.1V. When deasserted, RESET sources 1.6mA at typi-
cally VCC - 1.5V. The RESET output is the inverse of
RESET. RESET is guaranteed to be valid down to VCC = 1V,
and an external 10k
Ω pull-down resistor on RESET
ensures that it will be valid with VCC down to GND
(Figure 5). As VCC goes below 1V, the gate drive to the
RESET output switch reduces accordingly, increasing the
rDS(ON) and the saturation voltage. The 10k
Ω pull-down
resistor ensures that the parallel combination of switch
plus resistor will be around 10k
Ω and the saturation
voltage will be below 0.4V while sinking 40µA. When
using an external pull-down resistor of 10k
Ω, the high
state for the RESET output with VCC = 4.75V is typically
4.60V.
Overvoltage Comparator
The overvoltage comparator is an uncommitted com-
parator that has no effect on the operation of other chip
functions. Use this input to provide overvoltage indica-
tion by connecting a voltage divider from the input sup-
ply, as in Figure 6.
Connect OVI to ground if the overvoltage function is not
used. OVO goes low when OVI goes above 1.30V. With
OVI below 1.30V, OVO is actively pulled to VCC and can
source1µA.
Watchdog Function
The watchdog monitors µP activity via the watchdog
input (WDI). If the µP becomes inactive, WDO and WDPO
are asserted. To use the watchdog function, connect
WDI to a µP bus line or I/O line. If WDI remains high or
low for longer than the watchdog timeout period (1.6s
nominal), WDPO and WDO are asserted, indicating a soft-
ware fault condition (see Watchdog-Pulse Output and
Watchdog Output sections).
Watchdog Input
If the watchdog function is unused, connect WDI to VCC
or GND. A change of state (high-to-low, low-to-high, or
a minimum 100ns pulse) at WDI during the watchdog
period resets the watchdog timer. The watchdog timer
MAX792
MAX820
GND
VCC
REGULATOR
R1
R2
R3
R4
TO
µP
TO
µP
TO
µP NMI
2
1
10
RESET IN/INT
LLIN/REFOUT
RESET
RESET
LOW LINE
VLOW LINE = 1.3
R1 + R2
R2
)
(
VRESET = 1.3 R3 + R4
R4 )
(
Figure 4c. Alternative Connection for External Programming Mode
RESET
MAX792
MAX820
TO
µP RESET
1
10k
Figure 5. Adding an external pull-down resistor ensures RESET
is valid with VCC down to GND.
MAX792
MAX820
6
7
12
GND
3
VCC
OVI
OVO
OVERVOLTAGE
VOLTAGE REGULATOR
1.30V
Figure 6. Detecting an Overvoltage Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com