Electronic Components Datasheet Search
  English  ▼

X  

MAX792ESE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX792ESE
Description  Microprocessor and Nonvolatile Memory Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX792ESE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX792ESE Datasheet HTML 8Page - Maxim Integrated Products MAX792ESE Datasheet HTML 9Page - Maxim Integrated Products MAX792ESE Datasheet HTML 10Page - Maxim Integrated Products MAX792ESE Datasheet HTML 11Page - Maxim Integrated Products MAX792ESE Datasheet HTML 12Page - Maxim Integrated Products MAX792ESE Datasheet HTML 13Page - Maxim Integrated Products MAX792ESE Datasheet HTML 14Page - Maxim Integrated Products MAX792ESE Datasheet HTML 15Page - Maxim Integrated Products MAX792ESE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Microprocessor and Nonvolatile
Memory Supervisory Circuits
12
______________________________________________________________________________________
default is 1.6s. Select alternative timeout periods by
connecting an external capacitor from SWT to GND
(see Selecting an Alternative Watchdog Timeout sec-
tion). When VCC is below the reset threshold, the watch-
dog function is disabled.
Watchdog Output
WDO remains high if there is a transition or pulse at WDI
during the watchdog timeout period. The watchdog
function is disabled and WDO is a logic high when VCC
is below the reset threshold. If a system reset is desired
on every watchdog fault, simply diode-OR connect WDO
to MR (Figure 8). When a watchdog fault occurs in this
mode, WDO goes low, pulling MR low and causing a
reset pulse to be issued. As soon as reset is asserted,
the watchdog timer clears and WDO goes high. With
WDO connected to MR, a continuous high or low on WDI
will cause 200ms reset pulses to be issued every
1.6sec (SWT connected to VCC). When reset is not
asserted, if no transition occurs at WDI during the
watchdog timeout period, WDO goes low 70ns after the
falling edge of WDPO and remains low until the next tran-
sition at WDI (Figure 7). A single additional flip-flop can
force the system into a hardware shutdown if there are
two successive watchdog faults (Figure 8). When the
MAX792/MAX820 are operated from a 5V supply, WDO
has a 2 x TTL output characteristic.
Watchdog-Pulse Output
As described in the preceding section, WDPO can be
used as the clock input to an external D flip-flop. Upon
the absence of a watchdog edge or pulse at WDI at the
end of a watchdog timeout period, WDPO will pulse low
for 1.7ms. The falling edge of WDPO precedes WDO by
70ns. Since WDO is high when WDPO goes low, the flip-
flop’s Q output remains high after WDO goes low (Figure
8). If the watchdog timer is not reset by a transition at
WDI, WDO remains low and the next WDPO following a
second watchdog timeout period clocks a logic low to
the Q output, pulling MR low and causing the
MAX792/MAX820 latch in reset. If the watchdog timer is
reset by a transition at WDI, WDO will go high and the
flip-flop’s Q output will remain high. Thus a system
shutdown is only caused by two successive watchdog
faults.
Selecting an Alternative Watchdog Timeout Period
The SWT input controls the watchdog timeout period.
Connecting SWT to VCC selects the internal 1.6sec
watchdog timeout period. Select an alternative watch-
dog timeout period by connecting a capacitor between
SWT and GND. Do not leave SWT floating and do not
connect it to ground. The following formula determines
the watchdog timeout period:
Watchdog Timeout Period =
k x (capacitor value in nF)ms
where k = 27 for VCC = 3V, and k = 16.2 for VCC = 5V.
This applies for capacitor values in excess of 4.7nF. If
the watchdog function is unused, connect SWT to VCC.
WDPO
WDO
WDI
70ns
1.6s
MIN 100ns (VCC = 5V)
MIN 300ns (VCC = 3V)
VCC = 5V
Figure 7. WDI, WDO, and WDPO Timing Diagram
MAX792
MAX820
* FOR SYSTEM RESET ON EVERY
WATCHDOG FAULT, OMIT THE
FLIP-FLOP, AND DIODE–OR
CONNECT WDO TO MR.
12
GND
3
VCC
VCC
0.1
µF
9
MR
4.7k
+5V
1
RESET
0.1
µF
11
WDI
16
WDPO
15
WDO
µP POWER
VCC
RESET
I/O
D
CLOCK
CLEAR
Q
Q
VCC
TWO
CONSECUTIVE
WATCHDOG
FAULT
INDICATION
REACTIVATE
*
Figure 8. Two consecutive watchdog faults latch the system in
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com