Electronic Components Datasheet Search
  English  ▼

X  

MAX817_ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX817_ESA
Description  5V Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX817_ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX817_ESA Datasheet HTML 8Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 9Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 10Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 11Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 12Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 13Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 14Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 15Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
+5V Microprocessor Supervisory Circuits
______________________________________________________________________________________
13
Watchdog Input Current
The MAX817/MAX818 WDI inputs are internally driven
through a buffer and series resistor from the watchdog
counter (Figure 1). When WDI is left unconnected, the
watchdog timer is serviced within the watchdog timeout
period by a low-high-low pulse from the counter chain.
For minimum watchdog input current (minimum overall
power consumption), leave WDI low for the majority of the
watchdog timeout period, pulsing it low-high-low once
within 7/8 of the watchdog timeout period to reset the
watchdog timer. If instead WDI is externally driven high for
the majority of the timeout period, up to 150µA can flow
into WDI.
Using a SuperCap™ as a
Backup Power Source
SuperCaps are capacitors with extremely high capaci-
tance values (on the order of 0.47F) for their size. Since
BATT has the same operating voltage range as VCC, and
the battery switchover threshold voltages are typically
±30mV centered at VBATT, a SuperCap and simple
charging circuit can be used as a backup power source.
Figure 11 shows a SuperCap used as a backup source.
If VCC is above the reset threshold and VBATT is 0.5V
above VCC, current flows to OUT and VCC from BATT
until the voltage at BATT is less than 0.5V above VCC.
For example, if a SuperCap is connected to BATT
through a diode to VCC, and VCC quickly changes from
5.4V to 4.9V, the capacitor discharges through OUT
and VCC until VBATT reaches 5.1V typical. Leakage cur-
rent through the SuperCap charging diode and the
internal power diode eventually discharges the
SuperCap to VCC. Also, if VCC and VBATT start from
0.1V above the reset threshold and power is lost at
VCC, the SuperCap on BATT discharges through VCC
until VBATT reaches the reset threshold. Battery-backup
mode is then initiated and the current through VCC
goes to zero.
Operation Without a
Backup Power Source
The MAX817/MAX818/MAX819 were designed for bat-
tery-backed applications. If a backup battery is not
used, connect VCC to OUT, and connect BATT to
ground.
Replacing the Backup Battery
The backup power source can be removed while VCC
remains valid, without danger of triggering a reset
pulse, if BATT is decoupled with a 0.1µF capacitor to
ground. As long as VCC stays above the reset thresh-
old, battery-backup mode cannot be entered.
Adding Hysteresis to the Power-Fail
Comparator (MAX817/MAX819)
The power-fail comparator has a typical input hystere-
sis of 4mV. This is sufficient for most applications where
a power-supply line is being monitored through an
external voltage divider (see Monitoring an Additional
Supply).
For additional noise margin, connect a resistor between
PFO and PFI, as shown in Figure 12. Select the ratio of
R1 and R2 such that PFI sees VPFT when VIN falls to the
Figure 11. Using a SuperCap™ as a Backup Power Source
with a +5V ±10% Supply
SuperCap is a trademark of Baknor Industries.
BATT
VCC
OUT
RESET
GND
TO STATIC RAM
TO
µP
0.1F
MAX817
MAX818
MAX819
+5V
100k
Figure 12. Adding Hysteresis to the Power-Fail Comparator
VCC
GND
TO
µP
PFI
PFO
R1
R2
R3
*OPTIONAL
C1*
VIN
+5V
R1 + R2
R2
VH = 1.25V
VTRIP = 1.25V
+
+
||
||
R2
R3
R1
R2
R3
MAX817
MAX819
PFO
0V
+5V
VH
VL
0V
VTRIP
VIN
(
)
R1
VL - 1.25
R3
5
- 1.25
=
R2
1.25
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com