Electronic Components Datasheet Search
  English  ▼

X  

MAX817_ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX817_ESA
Description  5V Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX817_ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX817_ESA Datasheet HTML 1Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 2Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 3Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 4Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 5Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 6Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 7Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 8Page - Maxim Integrated Products MAX817_ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
+5V Microprocessor Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +4.75V to +5.5V for MAX81_L, VCC = +4.5V to +5.5V for MAX81_M, VBATT = 2.8V, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: The input voltage limits on PFI and WDI may be exceeded (up to 12V VIN) if the current into these pins is limited to less
than 10mA.
Input Voltage
VCC, BATT ..........................................................-0.3V to +6.0V
All Other Pins (Note 1).............................-0.3V to (VCC + 0.3V)
Input Current
VCC Peak ..............................................................................1A
VCC Continuous .............................................................250mA
BATT Peak .....................................................................250mA
BATT Continuous .............................................................50mA
GND .................................................................................25mA
Output Current
OUT................................................................................250mA
All Other Outputs .............................................................25mA
OUT Short-Circuit Duration.................................................10sec
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) .............727mW
SO (derate 5.88mW/°C above +70°C) ..........................471mW
µMAX (derate 4.10mW/°C above +70°C) .....................330mW
Operating Temperature Ranges
MAX81_ _C_A ......................................................0°C to +70°C
MAX81_ _E_A ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
As applicable; CE IN = 0V,
WDI and MR unconnected
VCC < VRST
IOUT = 50mA
IOUT = 5mA
VCC = 0V, VOUT = 0V
IOUT = 250µA, VCC < (VBATT - 0.2V)
CONDITIONS
mV
40
Battery Switchover Hysteresis
mV
-20
Battery Switch Threshold
(VCC - VBATT)
20
V
VBATT - VBATT -
0.1
0.02
VOUT in Battery-Backup Mode
µA
11
60
ISUPPLY
Supply Current (excluding IOUT)
11
45
V
0
5.5
Operating Voltage Range, VCC,
VBATT (Note 2)
Ω
100
BATT to OUT On-Resistance
Ω
510
VCC to OUT On-Resistance
V
VCC -
VCC -
0.5
0.25
VOUT Output
VCC -
VCC -
0.05
0.025
µA
5.0
µA
1
BATT Leakage Current,
Freshness Seal Enabled
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 0V
Supply Current in Battery-
Backup Mode (excluding IOUT)
0.05
1.0
MAX81_ _C
MAX81_ _E
TA = +25°C
TA = TMIN to
TMAX
Power-up
Power-down
TA = +25°C
TA = TMIN to
TMAX
5.5V > VCC > (VBATT + 0.2V)
BATT Standby Current (Note 3)
-0.10
0.02
µA
-1.00
0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com