Electronic Components Datasheet Search
  English  ▼

X  

MAX8211MSA/PR Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8211MSA/PR
Description  Microprocessor Voltage Monitors with Programmable Voltage Detection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8211MSA/PR Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8211MSA/PR Datasheet HTML 1Page - Maxim Integrated Products MAX8211MSA/PR Datasheet HTML 2Page - Maxim Integrated Products MAX8211MSA/PR Datasheet HTML 3Page - Maxim Integrated Products MAX8211MSA/PR Datasheet HTML 4Page - Maxim Integrated Products MAX8211MSA/PR Datasheet HTML 5Page - Maxim Integrated Products MAX8211MSA/PR Datasheet HTML 6Page - Maxim Integrated Products MAX8211MSA/PR Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Microprocessor Voltage Monitors
with Programmable Voltage Detection
________________________________________________________________________________________
3
Note 1: The maximum output current of the MAX8211 is limited by design to 30mA under any operating condition. The output voltage
may be sustained at any voltage up to +16.5V as long as the maximum power dissipation of the device is not exceeded.
Note 2: The maximum output current of the MAX8212 is not defined, and systems using the MAX8212 must therefore ensure that the
output current does not exceed 50mA and that the maximum power dissipation of the device is not exceeded.
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
UNITS
IOUT = 2mA, VTH = 1.0V
0.17
0.4
Output Saturation Voltage
VOL
IOUT = 2mA, VTH = 1.3V
0.17
0.4
V
VTH = 1.0V (Note 1)
4
7.0
Maximum Available
Output Current
IOH
C temp. range,
VOUT = 5V
VTH = 1.3V (Note 2)
12
35
mA
TA = TMIN to TMAX, C/E temp. ranges,
V+ = 16.5V, VTH = 1.0V,
VHYST = -16.5V with respect to V+
0.1
0.1
Hysteresis Leakage
Current
ILHYS
TA = TMIN to TMAX, M temp. range,
V+ = 16.5V, VTH = 0.9V,
VHYST = -16.5V with respect to V+
3
3
µA
Hysteresis Saturation
Voltage
VHYS
(MAX)
IHYST = 0.5mA, VTH = 1.3V,
measured with respect to V+
-0.1
-0.2
-0.1
-0.2
V
Maximum Available
Hysteresis Current
VHYS
(MAX)
VTH = 1.3V, VHYS = 0V
210
210
mA
MAX8212
MIN TYP MAX
MAX8211
MIN TYP MAX
_______________Detailed Description
As shown in the block diagrams of Figures 1 and 2, the
MAX8211 and MAX8212 each contain a 1.15V refer-
ence, a comparator, an open-drain n-channel output
transistor, and an open-drain p-channel hysteresis out-
put. The MAX8211 output n-channel turns on when the
voltage applied to the THRESH pin is less than the
internal reference (1.15V). The sink current is limited to
7mA (typical), allowing direct drive of an LED without a
series resistor. The MAX8212 output turns on when the
voltage applied to THRESH is greater than the internal
reference. It is not current limited, and will typically sink
35mA.
Compatibility with ICL8211/ICL8212
The CMOS MAX8211/MAX8212 are plug-in replacements
for the bipolar ICL8211/ICL8212 in most applications.
The use of CMOS technology has several advantages.
The quiescent supply current is much less than in the
bipolar parts. Higher-value resistors can also be used
P
N
1.15V
REFERENCE
HYST
OUT
THRESH
V+
Figure 1. MAX8211 Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com