Electronic Components Datasheet Search
  English  ▼

X  

MAX8211MSA/PR Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8211MSA/PR
Description  Microprocessor Voltage Monitors with Programmable Voltage Detection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8211MSA/PR Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8211MSA/PR Datasheet HTML 1Page - Maxim Integrated Products MAX8211MSA/PR Datasheet HTML 2Page - Maxim Integrated Products MAX8211MSA/PR Datasheet HTML 3Page - Maxim Integrated Products MAX8211MSA/PR Datasheet HTML 4Page - Maxim Integrated Products MAX8211MSA/PR Datasheet HTML 5Page - Maxim Integrated Products MAX8211MSA/PR Datasheet HTML 6Page - Maxim Integrated Products MAX8211MSA/PR Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Microprocessor Voltage Monitors
with Programmable Voltage Detection
4
________________________________________________________________________________________
V+
HYST
THRESH
MAX8211
MAX8212
OUT
GND
V+
R3
R2
R1
VOUT
VIN
Figure 3. Basic Overvoltage/Undervoltage Circuit
in the networks that set up the trip voltage, since the
comparator input (THRESH pin) is a low-leakage
MOSFET transistor. This further reduces system current
drain. The tolerance of the internal reference has also
been significantly improved, allowing for more precise
voltage detection without the use of potentiometers.
The available current from the HYST output has been
increased from 21µA to 10mA, making the hysteresis
feature easier to use. The disparity between the HYST
output and the voltage required at THRESH to switch
the OUT pin has also been reduced in the MAX8211
from 8mV to 0.1mV to eliminate output “chatter” or
oscillation.
Most voltage detection circuits operate with supplies of
15V or less; in these applications, the MAX8211/
MAX8212 will replace ICL8211/ICL8212s with the per-
formance advantages described above. However, note
that the CMOS parts have an absolute maximum sup-
ply-voltage rating of 18V, and should never be used in
applications where this rating could be exceeded.
Exercise caution when replacing ICL8211/ICL8212s in
closed-loop applications such as programmable
zeners. Although neither the ICL8211/ICL8212 nor the
MAX8211/MAX8212 are internally compensated, the
CMOS parts have higher gain and may not be stable
for the external compensation-capacitor values used in
lower-gain ICL8211/ICL8212 circuits.
__________Applications Information
Basic Voltage Detectors
Figure 3 shows the basic circuit for both undervoltage
detection (MAX8211) and overvoltage detection
(MAX8212). For applications where no hysteresis is
needed, R3 should be omitted. The ratio of R1 to R2 is
then chosen such that, for the desired trip voltage at VIN,
1.15V is applied to the THRESH pin. Since the com-
parator inputs are very low-leakage MOSFET transis-
tors, the MAX8211/MAX8212 can use much higher
resistors values in the attenuator network than can the
bipolar ICL8211/ICL8212. See Table 1 for switching
delays.
Table 1. Switching Delays
Voltage Detectors with Hysteresis
To ensure noise-free output switching, hysteresis is
frequently used in voltage detectors. For both the
MAX8211 and MAX8212 the HYST output is on for
threshold voltages greater than 1.15V. R3 (Figure 3)
controls the amount of current (positive feedback) sup-
plied from the HYST output to the mid-point of the resis-
tor divider, and hence the magnitude of the hysteresis,
or dead-band.
Figure 2. MAX8212 Block Diagram
P
N
1.15V
REFERENCE
HYST
OUT
THRESH
V+
TYPICAL DELAYS
MAX8211
MAX8212
t(on)
40µs
250µs
t(off)
1.5ms
3ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com