Electronic Components Datasheet Search
  English  ▼

X  

OM5260SA/RA/DA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM5260SA/RA/DA
Description  HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM5260SA/RA/DA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM5260SA/RA/DA Datasheet HTML 1Page - List of Unclassifed Manufacturers OM5260SA/RA/DA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 - 63
3.2
4 11 R0
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY,
CENTER-TAP RECTIFIER
FEATURES
• Very Low Forward Voltage
• Very Fast Switching Time
• Hermetic Metal Package, JEDEC TO-254AA Outline
• Low Thermal Resistance
• Isolated Package
• High Surge
• Ceramic Feedthroughs Available
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at
power switching frequencies in excess of 100 kHz. The series combines two high
efficiency devices into one package, simplifying installation, reducing heat sink
hardware, and the need to obtain matched components. These devices are ideally
suited for Hi-Rel applications where small size and a hermetically sealed package
are required. Common anode configurations are also available. Common cathode
is standard.
ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25°C
Peak Inverse Voltage.............................................. 50 to 200 V
Maximum Average D.C. Output Current @ T
C = 100° C ...................... 20 A
Surge Current (Non-Repetitive 8.3 msec) ................................. 500 A
Thermal Resistance
Junction-to-Case................................. 1.3°C/W
Operating and Storage Temperature Range .................... - 55° C to + 150°C
40 Amp, 50 To 200 Volts, 50 ns trr
OM5259SA/RA/DA
OM5260SA/RA/DA
OM5257SA/RA/DA
OM5258SA/RA/DA
COMMON
ANODE
COMMON
CATHODE
DOUBLER
1
3
2
1
3
2
1
2
3
Common cathode is standard. Contact factory for performance characteristics for common anode and doubler.
Standard Products are supplied with glass feedthroughs.
For ceramic feedthroughs, add the letter “C” to the part number.
Example - OMXXXXCSA.
SCHEMATIC
OMXXXXRA
OMXXXXSA
OMXXXXDA


Similar Part No. - OM5260SA/RA/DA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5261ST ETC2-OM5261ST Datasheet
27Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER
OM5262SA ETC2-OM5262SA Datasheet
27Kb / 2P
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER
More results

Similar Description - OM5260SA/RA/DA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM5221A ETC1-COM5221A Datasheet
31Kb / 2P
(COTS) COMMERCIAL OFF-THE-SHELF HIGH EFFICIENCY, CENTER-TAP RECTIFIER IN TO-254AA
logo
International Rectifier
OM5324SA IRF-OM5324SA Datasheet
24Kb / 2P
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
logo
List of Unclassifed Man...
OM5204SC ETC1-OM5204SC Datasheet
35Kb / 2P
HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201ST ETC-OM5201ST Datasheet
35Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5320ST ETC1-OM5320ST Datasheet
22Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
OM5328SC ETC1-OM5328SC Datasheet
20Kb / 2P
HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
OM5221SA ETC2-OM5221SA Datasheet
40Kb / 2P
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5261ST ETC2-OM5261ST Datasheet
27Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER
OM5262SA ETC2-OM5262SA Datasheet
27Kb / 2P
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER
OM5201STRT ETC2-OM5201STRT Datasheet
25Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com