Electronic Components Datasheet Search
  English  ▼

X  

OM5260SA/RA/DA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM5260SA/RA/DA
Description  HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM5260SA/RA/DA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM5260SA/RA/DA Datasheet HTML 1Page - List of Unclassifed Manufacturers OM5260SA/RA/DA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM5257SA/RA/DA - OM5260SA/RA/DA
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
100
50
70
30
20
10
5.0
7.0
3.0
2.0
1.0
0.5
0.7
0.3
0.2
0.1
0.2
0.4
0.6
0.8
1.0
1.2
V
F = INSTANTANEOUS VOLTAGE (VOLTS)
T
J = 100°C
T
J = 25°C
TYPICAL FORWARD VOLTAGE
TYPICAL REVERSE CURRENT
V
R = REVERSE VOLTAGE (VOLTS)
500
100
300
200
10
50
20
30
1.0
5.0
2.0
3.0
0.05
0.2
0.3
0.5
0.1
0
20
40
60 80 100 120 140 160 180 200
.144 DIA.
.050
.040
.260
.249
.685
.665
.800
.790
.545
.535
.550
.510
.045
.035
.550
.530
.150 TYP.
.150 TYP.
.005
MECHANICAL OUTLINE
T
J = 100°C
T
J = 150°C
T
J = 25°C
ELECTRICAL CHARACTERISTICS (Per Diode) TJ = 25°C unless otherwise specified
Maximum
Maximum
Maximum
Part Number
PIV
Forward Voltage
Reverse Current
Reverse
@ 15 A(1)
@ PIV
Recovery
T
j = 25° C
T
j = 100° C
T
j = 25° C
T
j = 100° C
Time(2)
OM5257XX
50 V
OM5258XX
100 V
1.1 V
1.0 V
20 µA
1.0 mA
50 nsec
OM5259XX
150 V
OM5260XX
200 V
Notes: (1) Pulse Test: Pulse Width = 300
µs, Duty Cycle 2.0%.
(2) Measured in Circuit: I
F = 0.5 A, IR = 1.0 A, IREC = 0.25 A
Z-Tab package also available.
12
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com