Electronic Components Datasheet Search
  English  ▼

X  

AXK5 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AXK5
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AXK5 Datasheet HTML 1Page - Panasonic Semiconductor AXK5 Datasheet HTML 2Page - Panasonic Semiconductor AXK5 Datasheet HTML 3Page - Panasonic Semiconductor AXK5 Datasheet HTML 4Page - Panasonic Semiconductor AXK5 Datasheet HTML 5Page - Panasonic Semiconductor AXK5 Datasheet HTML 6Page - Panasonic Semiconductor AXK5 Datasheet HTML 7Page - Panasonic Semiconductor AXK5 Datasheet HTML 8Page - Panasonic Semiconductor AXK5 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AXK(5(S)/6(S))
2. P5KS
Product
name
Mated
height
No. of
contacts
Part No.
Packing
Socket
Header
Inner carton (1 reel)
Outer carton
P5KS
4.0 mm
20
AXK5S20047YG
AXK6S20447YG
1,500 pieces
3,000 pieces
24
AXK5S24047YG
AXK6S24447YG
30
AXK5S30047YG
AXK6S30447YG
34
AXK5S34047YG
AXK6S34447YG
40
AXK5S40047YG
AXK6S40447YG
50
AXK5S50047YG
AXK6S50447YG
60
AXK5S60047YG
AXK6S60447YG
70
AXK5S70047YG
AXK6S70447YG
80
AXK5S80047YG
AXK6S80447YG
100
AXK5S00047YG
AXK6S00447YG
120
AXK5SA2077YG
AXK6SA2477YG
160
AXK5SA6077YG
AXK6SA6477YG
4.5 mm
20
AXK5S20247YG
AXK6S20447YG
24
AXK5S24247YG
AXK6S24447YG
30
AXK5S30247YG
AXK6S30447YG
34
AXK5S34247YG
AXK6S34447YG
36
AXK5S36247YG
AXK6S36447YG
40
AXK5S40247YG
AXK6S40447YG
50
AXK5S50247YG
AXK6S50447YG
60
AXK5S60247YG
AXK6S60447YG
70
AXK5S70247YG
AXK6S70447YG
80
AXK5S80247YG
AXK6S80447YG
100
AXK5S00247YG
AXK6S00447YG
120
AXK5SA2277YG
AXK6SA2477YG
160
AXK5SA6277YG
AXK6SA6477YG
P5KS
5.0 mm
20
AXK5S20047YG
AXK6S20547YG
Socket: 1,500 pieces
Header: 1,000 pieces
Socket: 3,000 pieces
Header: 2,000 pieces
24
AXK5S24047YG
AXK6S24547YG
30
AXK5S30047YG
AXK6S30547YG
34
AXK5S34047YG
AXK6S34547YG
40
AXK5S40047YG
AXK6S40547YG
50
AXK5S50047YG
AXK6S50547YG
60
AXK5S60047YG
AXK6S60547YG
70
AXK5S70047YG
AXK6S70547YG
80
AXK5S80047YG
AXK6S80547YG
100
AXK5S00047YG
AXK6S00547YG
5.5 mm
20
AXK5S20247YG
AXK6S20547YG
24
AXK5S24247YG
AXK6S24547YG
30
AXK5S30247YG
AXK6S30547YG
34
AXK5S34247YG
AXK6S34547YG
40
AXK5S40247YG
AXK6S40547YG
50
AXK5S50247YG
AXK6S50547YG
60
AXK5S60247YG
AXK6S60547YG
70
AXK5S70247YG
AXK6S70547YG
80
AXK5S80247YG
AXK6S80547YG
100
AXK5S00247YG
AXK6S00547YG
6.0 mm
20
AXK5S20047YG
AXK6S20647YG
30
AXK5S30047YG
AXK6S30647YG
40
AXK5S40047YG
AXK6S40647YG
50
AXK5S50047YG
AXK6S50647YG
60
AXK5S60047YG
AXK6S60647YG
70
AXK5S70047YG
AXK6S70647YG
80
AXK5S80047YG
AXK6S80647YG
100
AXK5S00047YG
AXK6S00647YG
6.5 mm
20
AXK5S20247YG
AXK6S20647YG
30
AXK5S30247YG
AXK6S30647YG
40
AXK5S40247YG
AXK6S40647YG
50
AXK5S50247YG
AXK6S50647YG
60
AXK5S60247YG
AXK6S60647YG
70
AXK5S70247YG
AXK6S70647YG
80
AXK5S80247YG
AXK6S80647YG
100
AXK5S00247YG
AXK6S00647YG
130
AXK5SA3277YG
AXK6SA3677YG
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com