Electronic Components Datasheet Search
  English  ▼

X  

AXK5 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXK5
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXK5 Datasheet HTML 1Page - Panasonic Semiconductor AXK5 Datasheet HTML 2Page - Panasonic Semiconductor AXK5 Datasheet HTML 3Page - Panasonic Semiconductor AXK5 Datasheet HTML 4Page - Panasonic Semiconductor AXK5 Datasheet HTML 5Page - Panasonic Semiconductor AXK5 Datasheet HTML 6Page - Panasonic Semiconductor AXK5 Datasheet HTML 7Page - Panasonic Semiconductor AXK5 Datasheet HTML 8Page - Panasonic Semiconductor AXK5 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AXK(5(S)/6(S))
ORDERING INFORMATION
1. P5K (3.0 mm and 3.5 mm)
NARROW-PITCH
CONNECTORS FOR
BOARD-TO-BOARD
CONNECTION
NARROWPITCH(0.5mm)CONNECTORS
P5SERIES —P5K,P5KS—
Note: The external appearance and PC board pattern
differs for the P5K and P5KS series.
FEATURES
1. The product lineup consists of
3.0 mm, 3.5 mm, 4.0 mm, 4.5 mm,
5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm,
7.0 mm, 8.0 mm, and 9.0 mm.
2. Strong resistance to adverse
environments! Utilizes
construction
for high contact reliability.
(See Page 6 for details of the structure)
3. Even with the low profile, the
effective mating length has been
extended to ensure that there is some
latitude in the mating.
4. Automatic mounting
1) Suction area for suction-type
automatic mounting machines is
employed.
APPLICATIONS
1. Compact portable devices “Cellular
phones, DVC, Digital cameras, etc”
2. The 160-contacts connector:
This connector is particularly suited to
the motherboard, CPU board, and other
multi-pin expansion boards on notebook
PCs and other info-communications
applications.
• P5K
Socket
Header
• P5KS
Socket
Header
Type
Mated height
Notes
P5K
3 mm, 3.5 mm
The external
appearance and
PC board pattern
differs for the P5K
and P5KS series.
P5KS
4 mm, 4.5 mm,
5 mm, 5.5 mm,
6 mm, 6.5 mm,
7 mm, 8 mm,
9 mm
Compliance with RoHS Directive
Type
Effective mating length
P5K
0.65 mm
P5KS
1.0 mm
Effective mating length
With long effective
mating lengths, even
if the connection is
not perfect, the
electrical connection
is more than enough
for normal operations.
Suction face
P5K Header
P5K Socket
Mother board
CPU boards and
other multi-pin
expansion boards.
Mated height
<Socket>
1: For mated height 3.0 mm and 3.5 mm
<Header>
2: For mated height 3.5 mm
3: For mated height 3.0 mm
Surface treatment (Contact portion / Terminal portion)
7: Ni plating on base, Au plating on surface /
Ni plating on base, Au plating on surface (Ni barrier product)
Contact portion
<Socket> Y: V notch type product
<Header> Y: V notch type product
Number of contacts (2 digits)
Packing
G: 1,500 pieces embossed tape and plastic reel
× 2
5: Narrow Pitch Connector P5K Socket
6: Narrow Pitch Connector P5K Header
Functions
3: With positioning bosses
4: Without positioning bosses
AXK
7
Y
G
panasonic-electric-works.net/ac


Similar Part No. - AXK5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
Narrow pitch connectors (0.5mm pitch)
AXK500147YG PANASONIC-AXK500147YG Datasheet
364Kb / 15P
Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK500147YG PANASONIC-AXK500147YG Datasheet
364Kb / 15P
Narrow pitch connectors (0.5mm pitch)
AXK500147YG PANASONIC-AXK500147YG Datasheet
428Kb / 15P
Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
364Kb / 15P
Narrow pitch connectors (0.5mm pitch) Automatic mounting
More results

Similar Description - AXK5

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
logo
fujitsu semiconductor
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
FOR BOARD-TO-BOARD CONNECTION
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
FOR BOARD-TO-BOARD CONNECTION
logo
Panasonic Semiconductor
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
ATX5 PANASONIC-ATX5 Datasheet
363Kb / 7P
NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
logo
Hirose Electric
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com