Electronic Components Datasheet Search
  English  ▼

X  

AXT7 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXT7
Description  NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT7 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXT7 Datasheet HTML 1Page - Panasonic Semiconductor AXT7 Datasheet HTML 2Page - Panasonic Semiconductor AXT7 Datasheet HTML 3Page - Panasonic Semiconductor AXT7 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AXT7, 8
EMBOSSED TAPE DIMENSIONS (Unit: mm) (Common to all sockets and headers)
• Dimension table (Unit: mm)
• Connector orientation with respect to embossed tape feeding direction
NOTES
Type/Mated height
Number of contacts
Type of taping
A
B
C
D
Quantity per reel
Common for sockets and headers:
1.0mm
40 to 70
Tape I
24.0
—
11.5
25.4
3,000
80
Tape II
32.0
28.4
14.2
33.4
3,000
• Specifications for taping
(In accordance with JIS C 0806-1990. However, not applied to
the mounting-hole pitch of some connectors.)
• Specifications for the plastic reel
(In accordance with EIAJET-7200B.)
Tape I
Tape II
(1.75)
(C)
(B)
(A
±0.3)
(1.75)
(C)
(A
±0.3)
Dimension A: 24 mm or less
Dimension A: 32 mm or less
Embossed mounting-hole
Label
Taping reel
Top cover tape
Embossed carrier tape
(D
±1)
Type
Direction
of tape progress
Common for F35S
Socket
Header
Note: There is no indication on this product regarding top-bottom or left-right orientation.
1. Regarding the design of PC board
patterns
Conduct the recommended foot pattern
design, in order to preserve the
mechanical strength of terminal solder
areas.
2. Recommended PC board and metal
mask patterns
Appropriate control of solder amount is
required to minimize solder bridges and
other defects for connectors with 0.35-
mm, 0.4-mm or 0.5-mm pitch terminals,
which require high-density mounting.
Refer to the right-hand drawing for
recommended patterns.
• Socket (Mated height: 1.0 mm)
Recommended PC board pattern (TOP VIEW)
Recommended metal mask opening pattern
Metal mask thickness: When 120
µm
(Terminal opening ratio: 65%)
(Metal-part opening ratio: 100%)
• Header (Mated height: 1.0 mm)
Recommended PC board pattern (TOP VIEW)
Recommended metal mask opening pattern
Metal mask thickness: When 120
µm
(Terminal opening ratio: 60%)
(Metal-part opening ratio: 100%)
0.20
±0.03
0.35
±0.03
0.70
±0.03
0.80
±0.03
: Insulatin
area
0.35
±0.01
0.18
±0.01
0.70
±0.01
0.80
±0.01
0.45
±0.03
: Insulation
area
0.20
±0.03
0.35
±0.03
0.70
±0.01
0.35
±0.01
0.45
±0.01
0.18
±0.01
For other details, please verify with
the product specification sheets.
panasonic-electric-works.net/ac



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com