Electronic Components Datasheet Search
  English  ▼

X  

2771K Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 2771K
Description  HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Hardened Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2771K Datasheet(HTML) 2 Page - Bel Fuse Inc.

  2771K Datasheet HTML 1Page - Bel Fuse Inc. 2771K Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
198 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
TM00141
T1-92
MECHANICAL
S553-6500-84
2771K
2771M
HIGH FREQUENCY MAGNETICS
T1/E1 Surface Mount Shielded Hardened Transformers
0.590
(14.99)
MAX
0.120 (3.05)
0.160 (11.68)
0.495
(12.57)
MAX
0.430
(10.92)
MAX
TERMINAL 1
IDENTIFIER
0.395
(10.03)
MAX
0.23 (0.58) X 0.100 (2.54) FOOT
(PHOSPHOR BRONZE,
SOLDER COATED)
1 23 4
8 7 6 5
0.004
8 EDGES
0.100 (2.54) TYP
0.255
(6.48)
COMPONENT CENTER
0.008 (0.203)
2 PLACES
0.045
(1.14)
TYP
RECOMMENDED PCB PATTERN
0.120 (3.05) TYP
Unless otherwise specified, dimensions are nominal and in inches (millimeters).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com