Electronic Components Datasheet Search
  English  ▼

X  

2771K Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2771K
Description  HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Hardened Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2771K Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2771K Datasheet HTML 1Page - Bel Fuse Inc. 2771K Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
TM00141
T1-91
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATICS
•
Operates at the rate of 1.544 Mb/s and the E1 rate of
2.048 Mb/s
•
Interwinding Electrostatic Shield provides low
capacitance and high EMI suppression
•
2771K and S553-6500-84: Winding (4-1) is
hardened to handle a 6A surge for 1 second
•
2771M: All windings are hardened to handle a 6A
surge for 1 second
•
Minimum Interwinding Breakdown Voltage of 1500
Vrms
HIGH FREQUENCY MAGNETICS
T1/E1 Surface Mount Shielded Hardened Transformers
2771M
•
Operating temperature range: -40° C to +85° C
•
Meets IEC 695, 2-2 flammability requirements
•
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
•
Reliability testing: Shock, vibration, temperature cycling,
temperature - humidity - bias
S553-6500-84
2771K
6
5
8
4
2
3
1
S
Primary
Secondary
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
1
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
2
x
a
m
H
µ
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
3
x
a
m
F
p
c
e
S
:
i
r
P
i
r
P
c
e
S
3
K
1
7
7
22
:
T
C
15
7
.
28
.
20
7
.
00
5
.
20
1
M
1
7
7
2T
C
7
3
.
1
:
10
1
.
15
6
.
05
4
.
05
6
.
05
4
8
-
0
0
5
6
-
3
5
5
S1
:
T
C
15
7
.
28
.
20
7
.
05
2
.
10
1
c
a
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
.
1
c
a
V
1
.
0
,
z
H
k
0
0
1
t
a
d
e
r
u
s
a
e
m
.
2
d
e
d
n
u
o
r
g
d
l
e
i
h
s
h
t
i
w
.
3
4
1
5
7
6
8
2
S
Primary
Secondary


Similar Part No. - 2771K

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2771 KR-2771 Datasheet
48Kb / 2P
Bandpass Filter
logo
Heyco.
2771 HEYCO-2771 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
KR Electronics, Inc.
2771-SMA KR-2771-SMA Datasheet
77Kb / 3P
140 MHz Bandpass Filter
logo
PHOENIX CONTACT
2771007 PHOENIX-2771007 Datasheet
143Kb / 6P
UKKB 10/2,5
2771010 PHOENIX-2771010 Datasheet
149Kb / 6P
UKKB 3
More results

Similar Description - 2771K

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2664AM BEL-2664AM Datasheet
27Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single THT Shielded Hardened Transformer
2741B BEL-2741B Datasheet
60Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2741H2 BEL-2741H2 Datasheet
31Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformers
2741S BEL-2741S Datasheet
61Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2745F BEL-2745F Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformers
2745H2 BEL-2745H2 Datasheet
43Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2771B BEL-2771B Datasheet
52Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Transformers
2779G BEL-2779G Datasheet
58Kb / 2P
HIGH FREQUECY MAGNETICS T1/E1 Surface Mount Transformers
S553-6500-E5 BEL-S553-6500-E5 Datasheet
86Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Transformers
2771D BEL-2771D Datasheet
41Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Tranformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com