Electronic Components Datasheet Search
  English  ▼

X  

USB-6509 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # USB-6509
Description  Portable digital I/O device / 96 bidirectional I/O channels
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6509 Datasheet(HTML) 2 Page - National Instruments Corporation

  USB-6509 Datasheet HTML 1Page - National Instruments Corporation USB-6509 Datasheet HTML 2Page - National Instruments Corporation USB-6509 Datasheet HTML 3Page - National Instruments Corporation USB-6509 Datasheet HTML 4Page - National Instruments Corporation USB-6509 Datasheet HTML 5Page - National Instruments Corporation USB-6509 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Detect and Recover with
Digital I/O Watchdogs
Digital I/O watchdogs are an innovative technology that can detect a
variety of fault conditions such as an application crash and automatically
respond by setting the outputs to a user-configured safe state. Watchdogs
are important whenever the module is connected to actuators such as
pumps, valves, motors, and relays. A USB-6509 monitors the software
application; if the application fails to respond within a preset time limit,
the device automatically sets the output lines to a user-defined safe state.
A USB-6509 remains in the watchdog state until the watchdog timer is
disarmed, the device is reset, or the computer is restarted.
Trigger Your Application with
Change Detection
With change detection, you can automatically trigger your software
application to perform a digital read operation upon a digital change
of state. A digital change of state is defined as the rising edge (0 to 1
transition) or falling edge (1 to 0 transition) on one or more digital lines.
Using change detection, you can monitor for digital events with minimal
processor usage. No polling is necessary because the digital I/O module
generates an interrupt to automatically wake up your application.
Using NI-DAQmx software technology, the USB-6509 notifies the
software application when it detects an event, causing the application to
automatically perform a read operation. To minimize the effects of noisy
input lines, use programmable input filters in combination with change
detection to eliminate spurious change-detection events caused by noise
or glitches.
Eliminate Noise with Programmable
Input Filters
Programmable input filters remove noise, glitches, and spikes on
inputs as well as provide debouncing for digital switches and relays.
These features are important for applications in industrial environments
to prevent false readings caused by noise. You can configure the
programmable input filter for each digital line by setting the filter time.
The USB-6509 blocks any digital noise, glitch, or spike that is shorter
than half of the specified filter time, preventing invalid readings and
false triggers for change-detection events.
Recommended Software
National Instruments measurement services software, built around
NI-DAQmx driver software, includes intuitive application programming
interfaces, configuration tools, I/O assistants, and other tools designed
to reduce system setup, configuration, and development time. National
Instruments recommends using the latest version of NI-DAQmx driver
software for application development in NI LabVIEW, LabWindows/CVI,
and Measurement Studio. To obtain the latest version of NI-DAQmx, visit
ni.com/support/daq/versions. NI measurement services software
speeds up your development with features including:
• A guide to create fast and accurate measurements with no
programming using the DAQ Assistant
• Free LabVIEW SignalExpress LE data-logging software
• Automatic code generation to create your application in LabVIEW;
LabWindows/CVI; LabVIEW SignalExpress; and Visual Studio .NET,
ANSI C/C++, C#, or Visual Basic 6.0
• Multithreaded technology for 1,000 times performance improvements
over basic DAQ driver software
• More than 3,000 free software downloads to jump-start your project
at ni.com/zone
The USB-6509 is compatible with the following versions (or later) of
NI application software: LabVIEW, LabWindows/CVI, or Measurement
Studio versions 7.x; or LabVIEW SignalExpress 2.5. The USB-6509 is not
compatible with the Traditional NI-DAQ (Legacy) driver.
High-Density Industrial Digital I/O for USB – 96-Channel, 5 V TTL/CMOS
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com