Electronic Components Datasheet Search
  English  ▼

X  

USB-6509 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # USB-6509
Description  Portable digital I/O device / 96 bidirectional I/O channels
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6509 Datasheet(HTML) 3 Page - National Instruments Corporation

  USB-6509 Datasheet HTML 1Page - National Instruments Corporation USB-6509 Datasheet HTML 2Page - National Instruments Corporation USB-6509 Datasheet HTML 3Page - National Instruments Corporation USB-6509 Datasheet HTML 4Page - National Instruments Corporation USB-6509 Datasheet HTML 5Page - National Instruments Corporation USB-6509 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SH100-100-F
R1005050
Digital I/O Cables and Accessories
The 100-pin high-density SCSI connector on the USB-6509 interfaces
to 100-pin ribbon cables or shielded cables. For low-cost unshielded
connectivity, use the R1005050 ribbon cable with two CB-50LP or
CB-50 connector blocks (a CB-100 kit). For shielded connectivity, use the
SH100-100-F shielded digital I/O cable with the SCB-100 connector block.
R1005050 – Unshielded ribbon cable that terminates with two
50-pin IDC connectors.
0.5 m . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .182762-0R5
1 m . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .182762-01
2 m . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .182762-02
SH100-100-F – Shielded 100-conductor cable that terminates with a
100-pin 0.050 series D-type connector that attaches to 100-pin accessories.
1 m . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .185095-01
2 m . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .185095-02
SCB-100 – Shielded I/O connector block with screw terminals and a
general breadboard area for 100-pin digital I/O devices.
SCB-100 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .776990-01
CB-50 – Unshielded I/O connector block with DIN-rail mounting and screw
terminals. Includes 50-pin header for direct connection to 50-pin cables.
CB-50 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .776164-90
CB-50LP – Unshielded termination board with 50 screw terminals.
Includes a 50-pin header for direct connection to 50-pin cables.
CB-50LP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .777101-01
CB-100 Connector Kit – Includes two CB-50 I/O connector blocks and
a 1 m R1005050 ribbon cable.
CB-100 with 1 m R1005050 cable . . . . . . . . . . . . . . . . . . . .777812-01
PCB Mounting Connectors – PCB connectors for use in building custom
accessories that connect to 100-conductor shielded and ribbon cables.
100-pin, female, right-angle mounting . . . . . . . . . . . . . . . .777778-01
100-pin, female, vertical mounting . . . . . . . . . . . . . . . . . . .777779-01
12 VDC Power Supply – Optional 12 VDC, 1.0 A power supply and
cable for up to 24 mA current drive per channel.
12 VDC Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . .780308-0X
High-Density Industrial Digital I/O for USB – 96-Channel, 5 V TTL/CMOS
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
CB-100
PCB Mounting Connectors
SCB-100
CB-50
CB-50LP
Ordering Information
NI USB-6509 ........................................................................ 779975-01
12 VDC Power Supply (Optional)
U.S., 120 VAC.................................................................. 780308-01
Switzerland, 220 VAC .................................................... 780308-02
Australia, 240 VAC.......................................................... 780308-03
Europe, 240 VAC ............................................................ 780308-04
UK, 240 VAC.................................................................... 780308-06
Japan, 100 VAC .............................................................. 780308-07
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/dio.
12 VDC Power Supply



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com