Electronic Components Datasheet Search
  English  ▼

X  

ISO721DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO721DR
Description  3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO721DR Datasheet(HTML) 4 Page - Texas Instruments

  ISO721DR Datasheet HTML 1Page - Texas Instruments ISO721DR Datasheet HTML 2Page - Texas Instruments ISO721DR Datasheet HTML 3Page - Texas Instruments ISO721DR Datasheet HTML 4Page - Texas Instruments ISO721DR Datasheet HTML 5Page - Texas Instruments ISO721DR Datasheet HTML 6Page - Texas Instruments ISO721DR Datasheet HTML 7Page - Texas Instruments ISO721DR Datasheet HTML 8Page - Texas Instruments ISO721DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ISO721, ISO721M
ISO722, ISO722M
SLLS629J – JANUARY 2006 – REVISED JULY 2010
www.ti.com
INSULATION CHARACTERISTICS
(1)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATIONS
UNIT
VIORM
Maximum working insulation voltage
560
Vpeak
After Input/Output Safety Test Subgroup 2/3
VPR = VIORM × 1.2, t = 10 s,
672
Vpeak
Partial discharge < 5 pC
Method a, VPR = VIORM × 1.6,
VPR
Input to output test voltage
Type and sample test with t = 10 s,
896
Vpeak
Partial discharge < 5 pC
Method b1, VPR = VIORM × 1.875,
100% production test with t = 1 s,
1050
Vpeak
Partial discharge < 5 pC
VIOTM
Transient overvoltage
t = 60 s
4000
Vpeak
VTEST = VISO, t = 60 s (qualification)
3535 / 2500
VISO
Isolation voltage per UL
Vpeak/Vrms
VTEST = 1.2 × VISO, t = 1 s (100% production)
(2)
4242 / 3000
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
(1)
Climatic classification 40/125/21
(2)
Based on lifetime curve (see the High-Voltage Lifetime of the ISO72x Family of Digital Isolators application report, SLLA197); these
devices can withstand 4242 Vpeak / 3000 Vrms for > 10,000 s at 150oC.
4
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): ISO721 ISO721M ISO722 ISO722M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com