Electronic Components Datasheet Search
  English  ▼

X  

ISO721DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO721DR
Description  3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO721DR Datasheet(HTML) 5 Page - Texas Instruments

  ISO721DR Datasheet HTML 1Page - Texas Instruments ISO721DR Datasheet HTML 2Page - Texas Instruments ISO721DR Datasheet HTML 3Page - Texas Instruments ISO721DR Datasheet HTML 4Page - Texas Instruments ISO721DR Datasheet HTML 5Page - Texas Instruments ISO721DR Datasheet HTML 6Page - Texas Instruments ISO721DR Datasheet HTML 7Page - Texas Instruments ISO721DR Datasheet HTML 8Page - Texas Instruments ISO721DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ISO721, ISO721M
ISO722, ISO722M
www.ti.com
SLLS629J – JANUARY 2006 – REVISED JULY 2010
ELECTRICAL CHARACTERISTICS: VCC1 and VCC2 5-V
(1) OPERATION
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent
0.5
1
ICC1
VCC1 supply current
VI = VCC or 0 V, no load
mA
25 Mbps
2
4
ISO722/722M Sleep Mode
EN at VCC
200
mA
VI = VCC or 0 V,
EN at 0 V or
No load
ICC2
VCC2 supply current
Quiescent
8
12
ISO721/721M
mA
25 Mbps
VI = VCC or 0 V, no load
10
14
IOH = -4 mA, See Figure 1
VCC – 0.8
4.6
VOH
High-level output voltage
V
IOH = –20 mA, See Figure 1
VCC – 0.1
5
IOL = 4 mA, See Figure 1
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 mA, See Figure 1
0
0.1
VI(HYS) Input voltage hysteresis
150
mV
IIH
High-level input current
EN, IN at 2 V
10
mA
IIL
Low-level input current
EN, IN at 0.8 V
–10
High-impedance output
IOZ
ISO722, ISO722M
EN, IN at VCC
1
mA
current
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6pt)
1
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 5
25
50
kV/ms
(1)
For 5-V operation, VCC1 and VCC2 are specified from 4.5 V to 5.5 V.
SWITCHING CHARACTERISTICS: VCC1 and VCC2 5-V OPERATION
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay, low-to-high-level output
13
17
24
ns
tPHL
Propagation delay, high-to-low-level output
ISO72x
13
17
24
ns
tsk(p)
Pulse skew |tPHL – tPLH|
0.5
2
ns
EN at 0 V,
See Figure 1
tPLH
Propagation delay, low-to-high-level output
8
10
16
ns
tPHL
Propagation delay, high-to-low-level output
ISO72xM
8
10
16
ns
tsk(p)
Pulse skew |tPHL – tPLH|
0.5
1
ns
tsk(pp)
(1)
Part-to-part skew
0
3
ns
tr
Output signal rise time
1
EN at 0 V,
ns
See Figure 1
tf
Output signal fall time
1
Sleep-mode propagation delay,
tpHZ
6
8
15
ns
high-level-to-high-mpedance output
See Figure 2
Sleep-mode propagation delay,
tpZH
3.5
4
8
ms
high-impedance-to-high-level output
ISO722
ISO722M
Sleep-mode propagation delay,
tpLZ
5.5
8
15
ns
low-level-to-high-impedance output
See Figure 3
Sleep-mode propagation delay,
tpZL
4
5
8
ms
high-impedance-to-low-level output
tfs
Failsafe output delay time from input power loss
See Figure 4
3
ms
100-Mbps NRZ data input, See Figure 6
2
ISO72x
100-Mbps unrestricted bit run length data
3
input, See Figure 6
tjit(PP)
Peak-to-peak eye-pattern jitter
ns
150-Mbps NRZ data input, See Figure 6
1
ISO72xM 150-Mbps unrestricted bit run length data
2
input, See Figure 6
(1)
tsk(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ISO721 ISO721M ISO722 ISO722M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com