| Electronic Components Datasheet Search |
|
MB90F482B Datasheet(PDF) 36 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482B Datasheet(HTML) 36 Page - fujitsu semiconductor |
|
36 / 124 page ![]() MB90480B/485B Series 36 DS07-13722-11E 2. UART The UART is a serial I/O port for asynchronous (start-stop synchronized) communication as well as CLK synchronized communication. • Full duplex double buffer • Transfer modes : asynchronous (start-stop synchronized) , or CLK synchronized (no start bit or stop bit) . • Multi-processor mode supported. • Embedded proprietary baud rate generator Asynchronous : 76923/38461/19230/9615/500 k/250 kbps CLK synchronized : 16 M/8 M/4 M/2 M/1 M/500 kbps • External clock setting available, allows use of any desired baud rate. • Can use internal clock feed from PPG1. • Data length : 7-bit (asynchronous normal mode only) or 8-bit. • Master/slave type communication functions (in multi-processor mode) . • Error detection functions (parity, framing, overrun) • Transfer signals are NRZ encoded. • μDMAC supported (for receiving/sending) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |