| Electronic Components Datasheet Search |
|
MB90F482B Datasheet(PDF) 62 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482B Datasheet(HTML) 62 Page - fujitsu semiconductor |
|
62 / 124 page ![]() MB90480B/485B Series 62 DS07-13722-11E 12. PWC Timer (MB90485B series only) The PWC timer is a 16-bit multifunction up-count timer capable of measuring the pulse width of the input signal. A total of three channels are provided, each consisting of a 16-bit up-count timer, an input pulse divider & divide ratio control register, a measurement input pin, and a 16-bit control register. These components provide the following functions. Timer function : • Capable of generating an interrupt request at fixed intervals specified. • The internal clock used as the reference clock can be selected from among three types. Pulse width measurement function : • Measures the time between arbitrary events based on external pulse inputs. • The internal clock used as the reference clock can be selected from among three types. • Measurement modes - “H” pulse width ( ↑ to ↓) /“L” pulse width (↑ to ↓) - Rising cycle ( ↑ to ↑) /Falling cycle (↓ to ↓) - Measurement between edges ( ↑ or ↓ to ↓ or ↑) • The 8-bit input divider can be used for division measurement by dividing the input pulse by 22 × n (n = 1, 2, 3, 4) . • An interrupt can be generated upon completion of measurement. • One-time measurement or fast measurement can be selected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |