Electronic Components Datasheet Search
  English  ▼

X  

MB90F482BPF Datasheet(PDF) 25 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 25 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 21Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 22Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 23Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 24Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 25Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 26Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 27Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 28Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 29Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
25
(Continued)
Address
Register name
Abbreviated
register name
Read/
Write
Resource name
Initial value
20H
Serial mode register
SMR
R/W
UART
00000X00B
21H
Serial control register
SCR
W, R/W
00000100B
22H
Serial input/output register
SIDR/SODR
R/W
XXXXXXXXB
23H
Serial status register
SSR
R, R/W
00001000B
24H
(Reserved area)
25H
Communication prescaler control
register
CDCR
R/W
Communication
prescaler (UART)
00--0000B
26H
Serial mode control status register 0
SMCS0
R, R/W
SIO1 (ch.0)
----0000B
27H
00000010B
28H
Serial data register 0
SDR0
R/W
XXXXXXXXB
29H
Communication prescaler control
register 0
SDCR0
R/W
Communication
prescaler
SIO1 (ch.0)
0---0000B
2AH
Serial mode control status register 1
SMCS1
R, R/W
SIO2 (ch.1)
----0000B
2BH
00000010B
2CH
Serial data register 1
SDR1
R/W
XXXXXXXXB
2DH
Communication prescaler control
register 1
SDCR1
R/W
Communication
prescaler
SIO2 (ch.1)
0---0000B
2EH
Reload register L (ch.0)
PRLL0
R/W
8/16-bit PPG
(ch.0 to ch.5)
XXXXXXXXB
2FH
Reload register H (ch.0)
PRLH0
R/W
XXXXXXXXB
30H
Reload register L (ch.1)
PRLL1
R/W
XXXXXXXXB
31H
Reload resister H (ch.1)
PRLH1
R/W
XXXXXXXXB
32H
Reload register L (ch.2)
PRLL2
R/W
XXXXXXXXB
33H
Reload register H (ch.2)
PRLH2
R/W
XXXXXXXXB
34H
Reload register L (ch.3)
PRLL3
R/W
XXXXXXXXB
35H
Reload register H (ch.3)
PRLH3
R/W
XXXXXXXXB
36H
Reload register L (ch.4)
PRLL4
R/W
XXXXXXXXB
37H
Reload register H (ch.4)
PRLH4
R/W
XXXXXXXXB
38H
Reload register L (ch.5)
PRLL5
R/W
XXXXXXXXB
39H
Reload register H (ch.5)
PRLH5
R/W
XXXXXXXXB
3AH
PPG0 operating mode control register
PPGC0
R/W
0X000XX1B
3BH
PPG1 operating mode control register
PPGC1
R/W
0X000001B
3CH
PPG2 operating mode control register
PPGC2
R/W
0X000XX1B
3DH
PPG3 operating mode control register
PPGC3
R/W
0X000001B
3EH
PPG4 operating mode control register
PPGC4
R/W
0X000XX1B
3FH
PPG5 operating mode control register
PPGC5
R/W
0X000001B
40H
PPG0, PPG1 output control register
PPG01
R/W
8/16-bit PPG
00000000B
41H
(Reserved area)
42H
PPG2, PPG3 output control register
PPG23
R/W
8/16-bit PPG
00000000B
43H
(Reserved area)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com