Electronic Components Datasheet Search
  English  ▼

X  

MB90583C Datasheet(PDF) 67 Page - fujitsu semiconductor

Part # MB90583C
Description  16-bit Proprietary Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583C Datasheet(HTML) 67 Page - fujitsu semiconductor

Back Button MB90583C Datasheet HTML 63Page - fujitsu semiconductor MB90583C Datasheet HTML 64Page - fujitsu semiconductor MB90583C Datasheet HTML 65Page - fujitsu semiconductor MB90583C Datasheet HTML 66Page - fujitsu semiconductor MB90583C Datasheet HTML 67Page - fujitsu semiconductor MB90583C Datasheet HTML 68Page - fujitsu semiconductor MB90583C Datasheet HTML 69Page - fujitsu semiconductor MB90583C Datasheet HTML 70Page - fujitsu semiconductor MB90583C Datasheet HTML 71Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 112 page
background image
MB90580C Series
DS07-13710-7E
67
16. IEBusTM Controller
The IEBusTM (Inter-Equipment Bus) is a small-scale, two-wire serial bus interface designed for data transfer
between pieces of equipment.
This interface is applicable, for example, as a bus interface for controlling vehicle-mounted devices.
IEBusTM has the following features:
•Multitasking
Any of the units connected to the IEBusTM can transmit data to another one.
• Broadcast function (Communication from one unit to multiple units)
Group broadcast : Broadcast to a group of units
All-unit broadcast
: Broadcast to all units
• Three modes can be selected for different transmission speeds.
• Data buffer for transmission
8-byte FIFO buffer
• Data buffer for reception
8-byte FIFO buffer
• CPU internal operating frequency (12 MHz, 12.58 MHz)
• Frequency tolerance
In mode 0 or 1 :
±1.5%
In mode 2 :
±0.5%
(1) Register configuration
(Continued)
IEBusTM internal frequency
6 MHz
6.29 MHz
Mode 0
About 3.9 kbps
About 4.1 kbps
Mode 1
About 17 kbps
About 18 kbps
Mode 2
About 26 kbps
About 27 kbps
• Local-office address setting register H
bit
15
14
13
12
11
10
9
8
Address
: 000071H
Reserved Reserved Reserved Reserved
MA11 MA10 MA09 MA08
MAWH
Access
(R/W) (R/W)
(R/W) (R/W) (R/W) (R/W) (R/W) (R/W)
Initial value
(X)
(X)
(X)
(X)
(X)
(X)
(X)
(X)
• Local-office address setting register L
bit
7
6
5
4
3210
Address
: 000070H
MA07 MA06 MA05 MA04 MA03 MA02 MA01 MA00
MAWL
Access
(R/W) (R/W)
(R/W) (R/W) (R/W) (R/W) (R/W) (R/W)
Initial value
(X)
(X)
(X)
(X)
(X)
(X)
(X)
(X)
• Slave address setting register H
bit
15
14
13
12
11
10
9
8
Address
: 000073H
Reserved Reserved Reserved Reserved
SA11 SA10 SA09 SA08
SAWH
Access
(R/W) (R/W)
(R/W) (R/W) (R/W) (R/W) (R/W) (R/W)
Initial value
(X)
(X)
(X)
(X)
(X)
(X)
(X)
(X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com