Electronic Components Datasheet Search
  English  ▼

X  

MB90583C Datasheet(PDF) 83 Page - fujitsu semiconductor

Part # MB90583C
Description  16-bit Proprietary Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583C Datasheet(HTML) 83 Page - fujitsu semiconductor

Back Button MB90583C Datasheet HTML 79Page - fujitsu semiconductor MB90583C Datasheet HTML 80Page - fujitsu semiconductor MB90583C Datasheet HTML 81Page - fujitsu semiconductor MB90583C Datasheet HTML 82Page - fujitsu semiconductor MB90583C Datasheet HTML 83Page - fujitsu semiconductor MB90583C Datasheet HTML 84Page - fujitsu semiconductor MB90583C Datasheet HTML 85Page - fujitsu semiconductor MB90583C Datasheet HTML 86Page - fujitsu semiconductor MB90583C Datasheet HTML 87Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 112 page
background image
MB90580C Series
DS07-13710-7E
83
(Continued)
(VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
*: The current value is preliminary value and may be subject to change for enhanced characteristics without previous
notice. The power supply current is measured with an external clock.
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Power supply
current*
ICCLS
VCC
VCC
= 5.0 V,
Internal operation
at 8 kHz,
In subsleep mode,
TA
= 25 °C
⎯
30
50
μA
MB90583C,
MB90587C,
MB90F583C/F584C
ICCT
VCC
= 5.0 V,
Internal operation
at 8 kHz,
In clock mode,
TA
= 25 °C
⎯
15
30
μA
MB90583C,
MB90587C,
MB90F583C/F584C
ICCH
In stop mode,
TA
= 25 °C
⎯
520
μA
MB90583C/CA
MB90587C/CA,
MB90F583C/CA,
MB90F584C/CA
Input
capacitance
CIN
Except
AVCC,AVSS,
C, VCC and
VSS
⎯⎯
10
80
pF
Open-drain
output
leakage
current
Ileak
P40 to P47
⎯⎯
0.1
5
μA
Open-drain
output setting
Pull-up
resistance
RUP
P00 to P07
P10 to P17
P60 to P65
RST
⎯
25
50
100
k
Ω
Pull-down
resistance
RDOWN
MD2
⎯
25
50
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com