Electronic Components Datasheet Search
  English  ▼

X  

MB90562APF Datasheet(PDF) 73 Page - fujitsu semiconductor

Part # MB90562APF
Description  16-bit Proprietary Microcontrollers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90562APF Datasheet(HTML) 73 Page - fujitsu semiconductor

Back Button MB90562APF Datasheet HTML 69Page - fujitsu semiconductor MB90562APF Datasheet HTML 70Page - fujitsu semiconductor MB90562APF Datasheet HTML 71Page - fujitsu semiconductor MB90562APF Datasheet HTML 72Page - fujitsu semiconductor MB90562APF Datasheet HTML 73Page - fujitsu semiconductor MB90562APF Datasheet HTML 74Page - fujitsu semiconductor MB90562APF Datasheet HTML 75Page - fujitsu semiconductor MB90562APF Datasheet HTML 76Page - fujitsu semiconductor MB90562APF Datasheet HTML 77Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
MB90560/565 Series
DS07-13715-5E
73
The AC ratings are specified for the following measurement reference voltages.
• PLL guaranteed operation range
Relationship between internal operating clock frequency and power supply voltage
Relationship between oscillation frequency and internal operating clock frequency
3.6
3.0
2.7
1.5
3
8
12
16
PLL guaranteed operation range
(MB90567/568/F568
: 3.0 V to 3.6 V, fCP = 3 MHz to 16 MHz)
(MB90V560
: 3.0 V to 3.6 V, fCP = 3 MHz to 12 MHz)
PLL guaranteed
operation range
A/D converter
guaranteed
operation range
Guaranteed operation range for MB90567/568/F568
(3.0 V to 3.6 V, fCP
= 1.5 MHz to 16 MHz)
(2.7 V to 3.6 V, fCP
= 1.5 MHz to 8 MHz)
Internal Clock fCP (MHz)
Guaranteed operation range
for MB90V560
(3.0 V to 3.6 V,
fCP
= 1.5 MHz to 12 MHz)
16
12
8
6
9
4
3
1.5
2
34
6
8
12
16
×4
×3
×2
×1
No multiplier
Source Oscillation Clock fC (MHz)
0.8 VCC
0.2 VCC
2.4 V
0.8 V
0.7 VCC
0.3 VCC
• Input signal waveform
Hysteresis input pin
Pins other than hysteresis input or MD input pins
• Output signal waveform
Output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com