Electronic Components Datasheet Search
  English  ▼

X  

MB90562APF Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB90562APF
Description  16-bit Proprietary Microcontrollers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90562APF Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB90562APF Datasheet HTML 9Page - fujitsu semiconductor MB90562APF Datasheet HTML 10Page - fujitsu semiconductor MB90562APF Datasheet HTML 11Page - fujitsu semiconductor MB90562APF Datasheet HTML 12Page - fujitsu semiconductor MB90562APF Datasheet HTML 13Page - fujitsu semiconductor MB90562APF Datasheet HTML 14Page - fujitsu semiconductor MB90562APF Datasheet HTML 15Page - fujitsu semiconductor MB90562APF Datasheet HTML 16Page - fujitsu semiconductor MB90562APF Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
MB90560/565 Series
DS07-13715-5E
13
■ I/O CIRCUITS
(Continued)
Type
Circuit
Remarks
A
• Oscillation circuit
Internal oscillation feedback
resistor (Rf)
B
• CMOS hysteresis input
C
• CMOS hysteresis I/O pin with pull-up
control
CMOS output
CMOS hysteresis input (with input cut-
off function in standby mode)
Internal pull-up resistor (Rp)
< Note >
• The pull-up resistor is active when the
port is set as an input.
D
• CMOS hysteresis I/O pin
CMOS output
CMOS hysteresis input (with input cut-
off function in standby mode)
< Notes >
• The I/O port output and internal
resource output share the same out-
put buffer.
• The I/O port input and internal
resource input share the same input
buffer.
X1
Xout
X0
Rf
Nch
Nch
Pch
Pch
Standby control signal
CMOS
hysteresis input
Rp
Pout
Pull-up control
Nout
CMOS hysteresis input
Standby control signal
Pch
Nch
Pout
Nout
CMOS hysteresis input
Standby control signal
Pch
Nch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com