Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPMC Datasheet(PDF) 84 Page - fujitsu semiconductor

Part # MB90583CAPMC
Description  16-bit Proprietary Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPMC Datasheet(HTML) 84 Page - fujitsu semiconductor

Back Button MB90583CAPMC Datasheet HTML 80Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 81Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 82Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 83Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 84Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 85Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 86Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 87Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 88Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 112 page
background image
MB90580C Series
84
DS07-13710-7E
4.
AC Characteristics
(1) Clock Timings
(VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
Parameter
Symbol Pin name
Condi-
tion
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
fC
X0, X1
⎯
3
⎯
16
MHz
Not multiplied,
when using oscillation
circuit.
8
⎯
16
PLL multiplied 1,
when using oscillation
circuit.
4
⎯
8
PLL multiplied 2,
when using oscillation
circuit.
3
⎯
5.3
PLL multiplied 3,
when using oscillation
circuit.
3
⎯
4
PLL multiplied 4,
when using oscillation
circuit.
fCL
X0A, X1A
⎯
32.768
⎯
kHz
Clock cycle time
tHCYL
X0, X1
62.5
⎯
333
ns
tLCYL
X0A, X1A
⎯
30.5
⎯μs
Input clock pulse width
PWH
PWL
X0
10
⎯⎯
ns
Recommended duty
ratio of 30% to 70%
PWLH
PWLL
X0A
⎯
15.2
⎯μs
Input clock rise/fall time
tCR
tCF
X0
⎯⎯
5ns
External clock
operation
Internal operating clock
frequency
fCP
⎯
1.0
⎯
16
MHz Main clock operation
fLCP
⎯⎯
8.192
⎯
kHz Sub clock operation
Internal operating clock
cycle time
tCP
⎯
62.5
—
666
ns
Main clock operation
tLCP
⎯⎯
122.1
⎯μs Sub clock operation
X0
tHCYL
tCF
tCR
0.8 VCC
0.2 VCC
PWH
PWL
• X0, X1 clock timing
X0A
tLCYL
tCF
tCR
0.8 VCC
0.2 VCC
PWLH
PWLL
• X0A, X1A clock timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com