Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPMC Datasheet(PDF) 32 Page - fujitsu semiconductor

Part # MB90583CAPMC
Description  16-bit Proprietary Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPMC Datasheet(HTML) 32 Page - fujitsu semiconductor

Back Button MB90583CAPMC Datasheet HTML 28Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 29Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 30Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 31Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 32Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 33Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 34Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 35Page - fujitsu semiconductor MB90583CAPMC Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
MB90580C Series
32
DS07-13710-7E
(Continued)
Address
Register name
Abbreviated
register
name
Read/
write
Resource name
Initial value
9EH
Program address detection control/
status register
PACSR
R/W
Address match
detection
function
0 0 0 0 0 0 0 0B
9FH
Delayed interrupt generation/release
register
DIRR
R/W
Delayed interrupt
generation module
− − − − − − − 0B
A0H
Low-power consumption mode
control register
LPMCR
R/W or W
Low-power
consumption mode
0 0 0 1 1 0 0
−B
A1H
Clock selection register
CKSCR
R/W or R
1 1 1 1 1 1 0 0B
A2H to
A4H
(Disabled)
A5H
Auto-ready function selection register
ARSR
W
External bus pin
control circuit
0 0 1 1
− − 0 0B
A6H
External address output control
register
HACR
W
0 0 0 0 0 0 0 0B
A7H
Bus control signal selection register
ECSR
W
0 0 0 0 0 0 0
−B
A8H
Watch dog timer control register
WDTC
R or W
Watch dog timer
XXXXX 1 1 1B
A9H
Time-base timer control register
TBTC
R/W, W
Timebase timer
1
− − 0 0 1 0 0B
AAH
Watch timer control register
WTC
R/W or R
Watch timer
1 X 0 0 0 0 0 0B
ABH to
ADH
(Disabled)
AEH
Flash memory control status register
FMCS
R/W or R
or W
Flash interface
0 0 0 X 0 0 0 0B
AFH
(Disabled)
B0H
Interrupt control register 00
ICR00
R/W
Interrupt controller
0 0 0 0 0 1 1 1B
B1H
Interrupt control register 01
ICR01
R/W
0 0 0 0 0 1 1 1B
B2H
Interrupt control register 02
ICR02
R/W
0 0 0 0 0 1 1 1B
B3H
Interrupt control register 03
ICR03
R/W
0 0 0 0 0 1 1 1B
B4H
Interrupt control register 04
ICR04
R/W
0 0 0 0 0 1 1 1B
B5H
Interrupt control register 05
ICR05
R/W
0 0 0 0 0 1 1 1B
B6H
Interrupt control register 06
ICR06
R/W
0 0 0 0 0 1 1 1B
B7H
Interrupt control register 07
ICR07
R/W
0 0 0 0 0 1 1 1B
B8H
Interrupt control register 08
ICR08
R/W
0 0 0 0 0 1 1 1B
B9H
Interrupt control register 09
ICR09
R/W
0 0 0 0 0 1 1 1B
BAH
Interrupt control register 10
ICR10
R/W
0 0 0 0 0 1 1 1B
BBH
Interrupt control register 11
ICR11
R/W
0 0 0 0 0 1 1 1B
BCH
Interrupt control register 12
ICR12
R/W
0 0 0 0 0 1 1 1B
BDH
Interrupt control register 13
ICR13
R/W
0 0 0 0 0 1 1 1B
BEH
Interrupt control register 14
ICR14
R/W
0 0 0 0 0 1 1 1B
BFH
Interrupt control register 15
ICR15
R/W
0 0 0 0 0 1 1 1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com