Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 77 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 77 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 73Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 74Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 75Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 76Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 77Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 78Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 79Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 80Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 81Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 112 page
background image
MB90580C Series
DS07-13710-7E
77
21. Low-Power Consumption Control Circuit
The operation modes of the MB90580C series are the PLL clock, PLL sleep, watch, main clock, main sleep,
stop, and hardware standby modes. The operation modes excluding the PLL clock mode are classified as low-
power consumption modes.
The low power consumption circuit has the following functions.
• Main clock mode/Main sleep mode
In either mode, the microcontroller operates only with the main clock (OSC oscillation clock), using the main
clock as the operating clock while suspending the PLL clock (VCO oscillation clock).
• PLL sleep mode/Main sleep mode
These modes stop only the operation clock of the CPU, leaving the other clocks active.
• Watch mode
The watch mode allows only the time-base timer to operate.
• Stop mode/Hardware standby mode
These modes stop oscillation while retaining data at the lowest power consumption. The CPU intermittent
operation function causes the clock supplied to the CPU to operate intermittently when the CPU accesses a
register, internal memory, internal resource, or external bus. This function saves power consumption by de-
creasing the execution speed of the CPU while providing high-speed clock signals to the internal resources.
The PLL clock multiplication factor can be selected from among 1, 2, 3, and 4 using the CS1 and CS0 bits in
the clock selection register.
The WS1 and WS0 bits can be used to set the oscillation settling time for the main clock, which is taken to
wake up from the stop or hardware standby mode.
(1) Register configuration
• Low-power consumption mode control register
bit
7
6543210
Address
: 0000A0H
STP SLP
SPL RST TMD CG1 CG0
⎯
LPMCR
Access
(W)
(W) (R/W) (W)
(
⎯) (R/W) (R/W) (⎯)
Initial value
(0)
(0)
(0)
(1)
(1)
(0)
(0)
(
⎯)
• Clock selection register
bit
151413121110
9
8
Address
: 0000A1H
SCM MCM WS1 WS0 SCS MCS CS1 CS0
CKSCR
Access
(R)
(R) (R/W) (R/W) (R/W) (R/W) (R/W) (R/W)
Initial value
(1)
(1)
(1)
(1)
(1)
(1)
(0)
(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com