Electronic Components Datasheet Search
  English  ▼

X  

MB90583CAPF Datasheet(PDF) 82 Page - fujitsu semiconductor

Part # MB90583CAPF
Description  16-bit Proprietary Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583CAPF Datasheet(HTML) 82 Page - fujitsu semiconductor

Back Button MB90583CAPF Datasheet HTML 78Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 79Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 80Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 81Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 82Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 83Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 84Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 85Page - fujitsu semiconductor MB90583CAPF Datasheet HTML 86Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 112 page
background image
MB90580C Series
82
DS07-13710-7E
3.
DC Characteristics
(VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
(Continued)
Parameter
Symbol
Pin
name
Condition
Value
Unit
Remarks
Min
Typ
Max
“H” level
output voltage
VOH
All output
pins
VCC
= 4.5 V,
IOH
= −2.0 mA
VCC
−
0.5
⎯⎯
V
“L” level
output voltage
VOL
All output
pins
VCC
= 4.5 V,
IOL
= 2.0 mA
⎯⎯
0.4
V
Input leakage
current
IIL
All input
pins
VCC
= 5.5 V,
VSS
< VI< VCC
−5
⎯
5
μA
Power supply
current*
ICC
VCC
VCC
= 5.0 V,
Internal operation
at 16 MHz,
Normal operation
⎯
27
33
mA
MB90583C/CA,
MB90587C/CA
⎯
40
50
mA
MB90F583C/CA,
MB90F584C/CA
VCC
= 5.0 V,
Internal operation
at 12.58 MHz,
Normal operation
⎯
22
26
mA MB90583C/CA
⎯
35
45
mA
MB90F583C/CA,
MB90F584C/CA
VCC
= 5.0 V,
Internal operation
at 16 MHz,
When data written
in flash mode pro-
gramming of erasing
⎯
45
60
mA
MB90F583C/CA,
MB90F584C/CA
VCC
= 5.0 V,
Internal operation
at 12.58 MHz,
When data written
in flash mode pro-
gramming of erasing
⎯
40
50
mA
ICCS
VCC
= 5.0 V,
Internal operation
at 16 MHz,
In sleep mode
⎯
7
12
mA MB90587C/CA
⎯
15
20
mA
MB90583C/CA,
MB90F583C/CA,
MB90F584C/CA
VCC
= 5.0 V
Internal operation
at 12.58 MHz,
In sleep mode
⎯
6
10
mA MB90587C/CA
⎯
12
18
mA
MB90583C/CA,
MB90F583C/CA,
MB90F584C/CA
ICCL
VCC
= 5.0 V,
Internal operation
at 8 kHz,
Subsystem operation,
TA
= 25 °C
⎯
0.1
1.0
mA
MB90583C,
MB90587C
⎯
4
7
mA MB90F583C/F584C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com