Electronic Components Datasheet Search
  English  ▼

X  

WSC28X0 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WSC28X0
Description  24-bit interface in total, Pixel sample rate up to 165M pixels/sec
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WSC28X0 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WSC28X0 Datasheet HTML 1Page - List of Unclassifed Manufacturers WSC28X0 Datasheet HTML 2Page - List of Unclassifed Manufacturers WSC28X0 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mar 2009 Edition 2.0
WSC2800/2810 Advanced Video Format Converter
ChengDu WestStarChips Co., Ltd.
- 8 -
1.4 Package
WSC2800: LQFP-128 (14mm x 14mm, 0.40mm pitch)
WSC2810: QFP-160 (28mm x 28mm, 0.65mm pitch)
WSC2800 Package Data
WSC2800
WSC2810 Package Data
WSC2810



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com