Electronic Components Datasheet Search
  English  ▼

X  

WSC28X0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WSC28X0
Description  24-bit interface in total, Pixel sample rate up to 165M pixels/sec
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WSC28X0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WSC28X0 Datasheet HTML 1Page - List of Unclassifed Manufacturers WSC28X0 Datasheet HTML 2Page - List of Unclassifed Manufacturers WSC28X0 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mar 2009 Edition 2.0
WSC2800/2810 Advanced Video Format Converter
ChengDu WestStarChips Co., Ltd.
- 6 -
1 General Description
1.1 Introduction
WSC2800 series is an advanced video format converter, which converts digital inputs into multiple formats.
The series has two members.
WSC2800 converts into analog output (CVBS and RGB).
WSC2810 outputs
digital forms (RGB and YUV).
The series supports a wide range of configurable formats, with both SD
(standard definition) and HD (high definition) input supported.
So that, the series can be applied to many
high-speed and high-quality video conversion applications
1.2 Features
Input Format
g 24-bit interface in total
g 24/16-bit ITU-R601/709 YUV/YCrCb
g 24/16-bit ITU-R601/709 YPrPb
g 8/16-bit ITU-R656/709 YCrCb
g 24-bit RGB
g Pixel sample rate up to 165M pixels/sec
g Input video format auto detection
g Input clock phase correction
g ATSC format support
g Support up to 1600x1200@60Hz (UXGA)
g Non-standard input formats supported
Display Format
g 18/24 bit RGB/YUV digital output*1
g ITU-R BT.656 output*1
g Support Sync-on-channel mode output (YPBPR /
RGB and Analog)
g 10-bit DAC embedded, support analog output*2
g Resolution up to UXGA (1600x1200) and 1080p
(1920x1080)
*3
g Dither reduction*1
g Line frequency enhancement
g Support user-defined format
g Programmable timing signal (sync and DE)
Processing Features
g Programmable color space conversion (sRGB, ITU-R BT.709 YUV/YPbPr, ITU-R BT.601 YUV/YCbCr
g 8bit gamma LUT
g CTI / LTI
g BCHS (brightness, contrast, hue, saturation)
g White / black / blue expanding
g White balance adjustment
g Color temperature correction
g 3D Motion-adaptive color collusion elimination
g 3D Motion-adaptive white noise reduction
g Peak / White noise reduction
g Frame rate conversion
g Improved motion-based de-interlacing
g De-interlace support NTSC / PAL / SECAM / 1080I
g Film mode (3:2/2:2 pull down) auto-optimizing for NTSC / PAL / 1080I
g Auto-switching between film mode and de-interlace


Similar Part No. - WSC28X0

ManufacturerPart #DatasheetDescription
logo
Clarke International
WSC2 CLARKE-WSC2 Datasheet
1Mb / 4P
WELDING SCREEN FRAME
GC 0620 - ISS 4
logo
Shenzhen Winsemi Microe...
WSC20U45 WINSEMI-WSC20U45 Datasheet
116Kb / 4P
Ultra Low VF Schottky Rectifier
logo
Vishay Siliconix
WSC2515 VISHAY-WSC2515 Datasheet
247Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
14-Feb-06
WSC2515 VISHAY-WSC2515 Datasheet
101Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
17-Feb-11
WSC251510R00BEA VISHAY-WSC251510R00BEA Datasheet
96Kb / 3P
Wirewound Resistors, Precision Power, Surface Mount
05-Nov-13
More results

Similar Description - WSC28X0

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16100 AD-ADIS16100 Datasheet
421Kb / 16P
-300째/sec Yaw Rate Gyro with SPI Interface
5/06-Rev. 0 to Rev. A
ADIS16080 AD-ADIS16080 Datasheet
618Kb / 16P
짹80째/sec Yaw Rate Gyro with SPI Interface
7/06-Revision 0
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8422 CIRRUS-CS8422 Datasheet
1Mb / 82P
24-bit, 192 kHz, Asynchronous Sample Rate Converter with
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Analog Devices
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
짹150째/Sec Yaw Rate Gyroscope
REV. 0
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Analog Devices
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
짹250째/sec Yaw Rate Gyro
REV. 0
logo
Texas Instruments
ADS7881 TI1-ADS7881_14 Datasheet
1Mb / 32P
4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
logo
Analog Devices
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
250/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com