Electronic Components Datasheet Search
  English  ▼

X  

V2-EVAL Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # V2-EVAL
Description  Vinculum II Evaluation Board
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2-EVAL Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button V2-EVAL Datasheet HTML 9Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 10Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 11Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 12Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 13Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 14Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 15Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 16Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Copyright © 2010 Future Technology Devices International Limited
12
Document Reference No.: FT_000247
V2-EVAL Vinculum II Evaluation Board Datasheet Version 2.0
Clearance No.: FTDI#148
4.2
Testing the board.
Ensure that the Power Select jumper JP6 is in „P.S.‟ position (pins 2 & 3 shorted), to enable the board to
be powered from the external power adapter.
Connect the 5V DC/1A power supply included in V2-Eval Kit to the external input power adapter
connector (CN12), connect USB A/B cable to USB B connector (CN13) on V2-Eval Board and to a free
USB port on host PC. Switch SW1 to the ON position (towards board edge). LED2 – POWER should now
be on.
Figure 4.2
Power connector with Jumper JP6
The PCB circuitry will draw power either directly from the board 5V supply or from a 3.3V regulator that is
powered by this 5V supply. This includes the VNC2 daughterboard module that is installed on the board.
Upon power up, the power LED (LED2) will illuminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com