Electronic Components Datasheet Search
  English  ▼

X  

TDA19977AHV Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA19977AHV
Description  Triple input HDMI 1.4a compliant receiver interface with equalizer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19977AHV Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA19977AHV Datasheet HTML 5Page - NXP Semiconductors TDA19977AHV Datasheet HTML 6Page - NXP Semiconductors TDA19977AHV Datasheet HTML 7Page - NXP Semiconductors TDA19977AHV Datasheet HTML 8Page - NXP Semiconductors TDA19977AHV Datasheet HTML 9Page - NXP Semiconductors TDA19977AHV Datasheet HTML 10Page - NXP Semiconductors TDA19977AHV Datasheet HTML 11Page - NXP Semiconductors TDA19977AHV Datasheet HTML 12Page - NXP Semiconductors TDA19977AHV Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
TDA19977A_TDA19977B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 19 November 2010
9 of 40
NXP Semiconductors
TDA19977A; TDA19977B
Triple input HDMI receiver interface with digital processing
SCL
98
I
I2C-bus serial clock input
HSDAA
99
I/O
HDMI input/output A (HDCP[3]) DDC-bus serial data
HSCLA
100
I
HDMI input A (HDCP[3]) DDC-bus serial clock
HSDAB
101
I/O
HDMI input/output B (HDCP[3]) DDC-bus serial data
HSCLB
102
I
HDMI input B (HDCP[3]) DDC-bus serial clock
TEST0
103
I
reserved for test; connect to digital inputs ground (VSSC)
VDDH(3V3)
104
P
HDMI deep PLL supply voltage; 3.3 V
VSSH
105
G
HDMI deep PLL ground
RRX1
106
I
HDMI inputs A and B termination resistance control
VDDC(1V8)
107
P
digital core supply voltage; 1.8 V
VDDH(1V8)
108
P
HDMI receiver supply voltage; 1.8 V
VSSC
109
G
digital core ground
A0
110
I
I2C-bus address control input
VDDH(3V3)
111
P
HDMI receiver supply voltage; 3.3 V
RXBC+
112
I
HDMI input B positive clock channel
RXBC
113
I
HDMI input B negative clock channel
VSSH
114
G
HDMI receiver ground
RXAC
115
I
HDMI input A negative clock channel
RXAC+
116
I
HDMI input A positive clock channel
VDDH(3V3)
117
P
HDMI receiver supply voltage; 3.3 V
RXB0+
118
I
HDMI input B positive data channel 0
RXB0
119
I
HDMI input B negative data channel 0
VSSH
120
G
HDMI receiver ground
RXA0
121
I
HDMI input A negative data channel 0
RXA0+
122
I
HDMI input A positive data channel 0
VDDH(1V8)
123
P
HDMI receiver supply voltage; 1.8 V
RXB1+
124
I
HDMI input B positive data channel 1
RXB1
125
I
HDMI input B negative data channel 1
VSSH
126
G
HDMI receiver ground
RXA1
127
I
HDMI input A negative data channel 1
RXA1+
128
I
HDMI input A positive data channel 1
VDDH(3V3)
129
P
HDMI receiver supply voltage; 3.3 V
RXB2+
130
I
HDMI input B positive data channel 2
RXB2
131
I
HDMI input B negative data channel 2
VSSH
132
G
HDMI receiver ground
RXA2
133
I
HDMI input A negative data channel 2
RXA2+
134
I
HDMI input A positive data channel 2
VSSH
135
G
HDMI receiver ground
VDDC(1V8)
136
P
digital core supply voltage; 1.8 V
VDDC(1V8)
137
P
digital core supply voltage; 1.8 V
HSDAC
138
I/O
HDMI input/output C (HDCP[3]) DDC-bus serial data
Table 3.
Pin description …continued
Symbol
Pin
Type[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com