Electronic Components Datasheet Search
  English  ▼

X  

CA-2221 Datasheet(PDF) 1 Page - Tensility International Corp.

Part # CA-2221
Description  Cable, 1830 mm, 3.2x0.9x9.0 mm 50-00074 3 conductor dc plug, 24 AWG, round
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CA-2221 Datasheet(HTML) 1 Page - Tensility International Corp.

  CA-2221 Datasheet HTML 1Page - Tensility International Corp. CA-2221 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
03/29/10
mm
A
CA-2221
Cable, 1830 mm, 3.2x0.9x9.0 mm 50-00074
3 conductor dc plug, 24 AWG, round
Specifications:
plug description (1)
dc plug, 3.2x0.9xL20.2 mm, spring contacts, 3 conductors,
P/N 50-00074
plug overmold (2)
30P, PVC, black
cable description (3)
0.16 x 11 strands, 3 conductor, 1F, PVC jacket
cable outer diameter
Ø3.4 mm
cable color
black
cable gauge
AWG #24
cable length
1830 ± 50 mm
twist tie (4)
black, 89 ± 3
Notes:
Function test: no open, no reversed polarity, no short circuit, no INT
RoHS compliant
Mechanical drawing:
1 of 2
Initial
Date
tolerance
X: ±0.5 mm
.X: ±0.3 mm
.XX: ±0.05 mm
applicable unless otherwise indicated in specification or on drawings
Wiring diagram:


Similar Part No. - CA-2221

ManufacturerPart #DatasheetDescription
logo
Tensility International...
CA-2220 TENSILITY-CA-2220 Datasheet
116Kb / 2P
Extension cable, 3.5x1.3 mm dc jack to right angle P7, 3 feet, 24 AWG, zip cord
CA-2222 TENSILITY-CA-2222 Datasheet
83Kb / 2P
Cable, 1830 mm, 5.5x2.1x12 mm, twist lock 50-00070 dc plug to stripped tinned, 18 AWG, UL2468
CA-2223 TENSILITY-CA-2223 Datasheet
80Kb / 2P
Cable, 1830 mm, 5.5x2.5x12 mm, twist lock 50-00072 dc plug to stripped tinned, 18 AWG, UL2468
CA-2224 TENSILITY-CA-2224 Datasheet
66Kb / 2P
Cable, 1830 mm, 6.5x3.0x12 mm 50-00090 dc plug to stripped tinned, 18 AWG, UL2468
More results

Similar Description - CA-2221

ManufacturerPart #DatasheetDescription
logo
Tensility International...
CA-2192 TENSILITY-CA-2192 Datasheet
111Kb / 2P
Cable, 1830 mm, 2.35x0.7x9.5 mm dc plug to stripped tinned, 24 AWG, UL2468, zip cord
CA-2201 TENSILITY-CA-2201 Datasheet
126Kb / 2P
Cable, 1830 mm, 2.5 mm mono plug to stripped tinned, 24 AWG, round wire, shielded
CA-2203 TENSILITY-CA-2203 Datasheet
95Kb / 2P
Cable, 1830 mm, 2.5 mm stereo plug to stripped tinned 24 AWG, round wire, shielded
CA-2205 TENSILITY-CA-2205 Datasheet
102Kb / 2P
Cable, 1830 mm, 3.5 mm mono plug to stripped tinned, 24 AWG, round wire, shielded
10-01062 TENSILITY-10-01062 Datasheet
336Kb / 2P
Cable, 1830 mm, 5.5x2.1x12 mm 50-00024 dc plug to stripped tinned, 24 AWG, 30-00003 wire
10-01067 TENSILITY-10-01067 Datasheet
349Kb / 2P
Cable, 1830 mm, 5.5x2.5x12 mm 50-00026 dc plug to stripped tinned, 24 AWG, 30-00003 wire
10-01070 TENSILITY-10-01070 Datasheet
336Kb / 2P
Cable, 1830 mm, 3.5x1.35x9.5 mm 50-00056 dc plug to stripped tinned, 24 AWG
10-01071 TENSILITY-10-01071 Datasheet
350Kb / 2P
Cable, 1830 mm, 4.75x1.7x9.5 mm 90째 50- 00135 dc plug to stripped tinned, 24 AWG
10-01072 TENSILITY-10-01072 Datasheet
353Kb / 2P
Cable, 1830 mm, 3.5x1.35x9.5 mm 90째 50- 00141 dc plug to stripped tinned, 24 AWG
10-01078 TENSILITY-10-01078 Datasheet
335Kb / 2P
Cable, 1830 mm, 4.75x1.7x9.5 mm 50-00028 dc plug to stripped tinned, 24 AWG, 30- 00003 wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com