Electronic Components Datasheet Search
  English  ▼

X  

CA-2221 Datasheet(PDF) 2 Page - Tensility International Corp.

Part # CA-2221
Description  Cable, 1830 mm, 3.2x0.9x9.0 mm 50-00074 3 conductor dc plug, 24 AWG, round
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CA-2221 Datasheet(HTML) 2 Page - Tensility International Corp.

  CA-2221 Datasheet HTML 1Page - Tensility International Corp. CA-2221 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
03/29/10
mm
A
CA-2221
Cable, 1830 mm, 3.2x0.9x9.0 mm 50-00074
3 conductor dc plug, 24 AWG, round
Revision notes:
Rev
Date
Description
A
March 29, 2010
Re-issue. Original specification issued by CUI Inc; re-issued by
Tensility without any material or mechanical changes.
2 of 2
Spec sign-off verifies that you have reviewed the entire specification, tested a sample of the product, and
confirm that it meets your requirements. This specification reflects the part as it will be ordered. Orders
will not be processed until the specification pages have been initialed and the approval page has been
signed. This specification is confidential and is not to be transmitted without prior approval from Tensility.
Signature
Title
Name
Date
Company
Branch
Specification Approval



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com