Electronic Components Datasheet Search
  English  ▼

X  

SS22SDP2 Datasheet(PDF) 24 Page - Texas Instruments

Part # SS22SDP2
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS22SDP2 Datasheet(HTML) 24 Page - Texas Instruments

Back Button SS22SDP2 Datasheet HTML 20Page - Texas Instruments SS22SDP2 Datasheet HTML 21Page - Texas Instruments SS22SDP2 Datasheet HTML 22Page - Texas Instruments SS22SDP2 Datasheet HTML 23Page - Texas Instruments SS22SDP2 Datasheet HTML 24Page - Texas Instruments SS22SDP2 Datasheet HTML 25Page - Texas Instruments SS22SDP2 Datasheet HTML 26Page - Texas Instruments SS22SDP2 Datasheet HTML 27Page - Texas Instruments SS22SDP2 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
10
Evaluating Performance with the ADCPro Software
Evaluating Performance with the ADCPro Software
www.ti.com
Figure 24. Install New Driver Wizard Screen 5
Step 5.
Once Windows finishes installing the software driver, the plug-in downloads the firmware to
the MMB0. The status area will display Connected to EVM when the device is connected and
ready to use. If the firmware does not load properly, you can try resetting the MMB0 by
pressing reset and then reloading the plug-in.
Step 6.
You can verify the proper installation of the USBStyx driver using the Device Manager. Note
that the first driver item, NI-VISA USB Devices, will disappear and a new item, LibUSB-Win32
Devices will appear, as Figure 25 shows.
Figure 25. USBSytx Driver Verification Using Device Manager
The driver installation wizard sequence should not appear again, unless you connect the board to a
different USB port.
The evaluation software is based on ADCPro, a program that operates using a variety of plug-ins. (The
ADS1274EVM plug-in is installed as described in the installation section, .)
To use ADCPro, load an EVM plug-in and a test plug-in. To load an EVM plug-in, select it from the EVM
menu. To load a test plug-in, select it from the Test menu. To unload a plug-in, select the Unload option
from the corresponding menu.
24
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
SBAU134A – August 2008 – Revised May 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com