Electronic Components Datasheet Search
  English  ▼

X  

SS22SDP2 Datasheet(PDF) 26 Page - Texas Instruments

Part # SS22SDP2
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS22SDP2 Datasheet(HTML) 26 Page - Texas Instruments

Back Button SS22SDP2 Datasheet HTML 22Page - Texas Instruments SS22SDP2 Datasheet HTML 23Page - Texas Instruments SS22SDP2 Datasheet HTML 24Page - Texas Instruments SS22SDP2 Datasheet HTML 25Page - Texas Instruments SS22SDP2 Datasheet HTML 26Page - Texas Instruments SS22SDP2 Datasheet HTML 27Page - Texas Instruments SS22SDP2 Datasheet HTML 28Page - Texas Instruments SS22SDP2 Datasheet HTML 29Page - Texas Instruments SS22SDP2 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
10.1.2
Settings Tab
Evaluating Performance with the ADCPro Software
www.ti.com
The ADS1274 requires a clock to operate. The maximum frequency is selected for the different operating
modes, as shown in Table 7.
Table 7. Operating Modes: Clock Frequency
Operating Mode
CLKDIV
Frequency (MHz)
High-Speed
32.768
High-Resolution
27
Low-Power
1
27
Low-Power
0
13.5
Low-Speed
1
27
Low-Speed
0
5.4
If the PLL is selected as the clock source, a frequency can be entered in the Clock Frequency box; the
software will find the closest frequency that is possible for the PLL to synthesize (and which is within the
maximum allowable frequency for the mode selected) and will set the clock to that frequency, as well as
display the actual frequency used in the Clock Frequency box once focus has moved from that control.
Figure 28. Clock Settings and Mode
The Operating Mode control (illustrated in Figure 29) can select from High-Speed, High-Resolution,
Low-Power, or Low-Speed.
Figure 29. Operating Mode
26
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
SBAU134A – August 2008 – Revised May 2009
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com