Electronic Components Datasheet Search
  English  ▼

X  

SMF45A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SMF45A
Description  ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMF45A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SMF45A Datasheet HTML 1Page - EIC discrete Semiconductors SMF45A Datasheet HTML 2Page - EIC discrete Semiconductors SMF45A Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS ( T
L = 30 °C unless otherwise noted, VF = 1.25 Volts @ 200 mA)
Working Peak
Test
Max. Reverse
Max. Clamping
Max. Reverse
Reverse
Current
Leakage Current
Voltage at IPP
Peak Pulse
Voltage(1)
Current (3)
VRWM
IT
IR @ VRWM
VC
IPP
(V)
Min
Nom
Max.
(mA)
(μA)
(V)
(mA)
SMF5.0A
KE
5.0
6.40
6.70
7.00
10
400
9.2
21.7
SMF6.0A
KG
6.0
6.67
7.02
7.37
10
400
10.3
19.4
SMF6.5A
KK
6.5
7.22
7.60
7.98
10
250
11.2
17.9
SMF7.0A
KM
7.0
7.78
8.20
8.60
10
100
12.0
16.7
SMF7.5A
KP
7.5
8.33
8.77
9.21
1.0
50
12.9
15.5
SMF8.0A
KR
8.0
8.89
9.36
9.83
1.0
25
13.6
14.7
SMF8.5A
KT
8.5
9.44
9.92
10.4
1.0
10
14.4
13.9
SMF9.0A
KV
9.0
10.0
10.55
11.1
1.0
5.0
15.4
13.0
SMF10A
KX
10
11.1
11.70
12.3
1.0
2.5
17.0
11.8
SMF11A
KZ
11
12.2
12.85
13.5
1.0
2.5
18.2
11.0
SMF12A
LE
12
13.3
14.00
14.7
1.0
2.5
19.9
10.1
SMF13A
LG
13
14.4
15.15
15.9
1.0
1.0
21.5
9.3
SMF14A
LK
14
15.6
16.40
17.2
1.0
1.0
23.2
8.6
SMF15A
LM
15
16.7
17.60
18.5
1.0
1.0
24.4
8.2
SMF16A
LP
16
17.8
18.75
19.7
1.0
1.0
26.0
7.7
SMF17A
LR
17
18.9
19.90
20.9
1.0
1.0
27.6
7.2
SMF18A
LT
18
20.0
21.00
22.1
1.0
1.0
29.2
6.8
SMF20A
LV
20
22.2
23.35
24.5
1.0
1.0
32.4
6.2
SMF22A
LX
22
24.4
25.60
26.9
1.0
1.0
35.5
5.6
SMF24A
LZ
24
26.7
28.10
29.5
1.0
1.0
38.9
5.1
SMF26A
ME
26
28.9
30.40
31.9
1.0
1.0
42.1
4..8
SMF28A
MG
28
31.1
32.80
34.4
1.0
1.0
45.4
4.4
SMF30A
MK
30
33.3
35.10
36.8
1.0
1.0
48.4
4.1
SMF33A
MM
33
36.7
38.70
40.6
1.0
1.0
53.3
3.8
SMF36A
MP
36
40.0
42.10
44.2
1.0
1.0
58.1
3.4
SMF40A
MR
40
44.4
46.80
49.1
1.0
1.0
64.5
3.1
SMF43A
MT
43
47.8
50.30
52.8
1.0
1.0
69.4
2.9
SMF45A
MV
45
50.0
52.65
55.3
1.0
1.0
72.7
2.8
SMF48A
MX
48
53.3
56.10
58.9
1.0
1.0
77.4
2.6
SMF51A
MZ
51
56.7
59.70
62.7
1.0
1.0
82.4
2.4
SMF54A
NE
54
60.0
63.15
66.3
1.0
1.0
87.1
2.3
SMF58A
NG
58
64.4
67.80
71.2
1.0
1.0
93.6
2.1
SMF60A
NK
60
66.7
70.20
73.7
1.0
1.0
96.8
1.8
SMF64A
NM
64
71.1
74.85
78.6
1.0
1.0
103
1.7
SMF70A
NP
70
77.8
81.90
86.0
1.0
1.0
113
1.5
SMF75A
NR
75
83.3
87.70
92.1
1.0
1.0
121
1.4
SMF78A
NT
78
86.7
91.25
95.8
1.0
1.0
126
1.4
SMF85A
NV
85
94.4
99.20
104
1.0
1.0
137
1.3
SMF90A
NX
90
100
105.50
111
1.0
1.0
146
1.2
SMF100A
NZ
100
111
117.00
123
1.0
1.0
162
1.1
SMF110A
PE
110
122
128.50
135
1.0
1.0
177
1.0
SMF120A
PG
120
133
140.00
147
1.0
1.0
193
0.9
SMF130A
PK
130
144
151.50
159
1.0
1.0
209
0.8
SMF150A
PM
150
167
176.00
185
1.0
1.0
243
0.7
SMF160A
PP
160
178
187.50
197
1.0
1.0
259
0.7
SMF170A
PR
170
189
199.00
209
1.0
1.0
275
0.6
Notes :
(1) A transient suppressor is normally selected according to the Working Peak Reverse Voltage (VRWM) which should be equal to or
greater than the DC or continuous peak operating voltage level.
(2) VBR measured at pulse test current IT at ambient temperature of25 °C.
(3) Surge current waveform per Fig. 2 and derate per Fig. 5.
Page 2 of 3
Rev. 02 : January 12, 2009
VBR @ IT
Type No.
Marking
Breakdown Voltage @ IT
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com