Electronic Components Datasheet Search
  English  ▼

X  

SMF45A Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SMF45A
Description  ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMF45A Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SMF45A Datasheet HTML 1Page - EIC discrete Semiconductors SMF45A Datasheet HTML 2Page - EIC discrete Semiconductors SMF45A Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMF5.0A - SMF170A
ZENER OVERVOLTAGE
TRANSIENT SUPPRESSOR
Stand- off Voltage : 5 to 170 V
Peak Power : 200 W
FEATURES :
* Stand-off voltage ; 5 - 170 Volts
* Peak Power ; - 200 Watts @ 1 ms (SMF5.0A - SMF58A)
- 175 Watts @ 1 ms (SMF60A - SMF170A)
* Maximum clamp voltage @ Peak pulse current
* Low leakage
* Pb Free / RoHS Compliant
MECHANICAL DATA :
* Case: JEDEC SOD-123FL, molded plastic
over passivated chip
* Terminals: Solder Plated, solderable per
MIL-STD-750, Method 2026
* Polarity: Color band denotes cathode end
* Mounting position : Any
* Weight: 0.006 ounces, 0.02 gram
MAXIMUM RATINGS
Rating at 25 °C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Maximum PPK Dissipation (PW - 10/1000 μs)
SMF60A - SMF170A
175
W
(Note 1)
SMF5.0A - SMF58A
200
W
Maximum PPK Dissipation @ Ta = 25 °C (PW - 8/10 μs) (Note 2)
PPK
1000
W
DC Power Dissipation @ Ta = 25 °C
(Note 3)
PD
385
mW
Derate above 25 °C
4.0
mW/°C
Thermal Resistance, Junction to Ambient (Note 3)
RӨJA
325
°C/W
Thermal Resistance, Junction to Lead (Note 3)
RӨJL
26
°C/W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes :
(1) Non−repetitive current pulse at Ta = 25°C, per waveform of Fig. 2.
(2) Non−repetitive current pulse at Ta = 25°C, per waveform of Fig. 5.
(3) Mounted with recommended minimum pad size, DC board FR
−4.
Page 1 of 3
Rev. 02 : January 12, 2009
PPK
Dimensions in millimeters
SOD-123FL
2.5(0.098)
2.9(0.114)
3.5(0.138)
3.9(0.154)
0.5(0.020)
1.1(0.043)
max0.1(0.004)
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - SMF45A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF45A VISHAY-SMF45A Datasheet
92Kb / 6P
Surface Mount ESD Protection Diodes
22-Sep-10
logo
ON Semiconductor
SMF45A ONSEMI-SMF45A Datasheet
69Kb / 6P
Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Pan Jit International I...
SMF45A PANJIT-SMF45A Datasheet
121Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
SMF45A BILIN-SMF45A Datasheet
119Kb / 3P
SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF45A VISHAY-SMF45A Datasheet
108Kb / 7P
Surface Mount ESD Protection Diodes
27-Oct-08
More results

Similar Description - SMF45A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MR2835S MOTOROLA-MR2835S Datasheet
111Kb / 4P
OVERVOLTAGE TRANSIENT SUPPRESSOR
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
MR2520L ONSEMI-MR2520L Datasheet
67Kb / 8P
Overvoltage Transient Suppressor
December, 2002 - Rev. 1
TRA2532 ONSEMI-TRA2532 Datasheet
61Kb / 8P
Overvoltage Transient Suppressor
October, 2000 ??Rev. 1
logo
Motorola, Inc
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
1SMC5.0 MOTOROLA-1SMC5.0 Datasheet
212Kb / 4P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
Zener Overvoltage Transient Suppressors
logo
ON Semiconductor
MR2835SK ONSEMI-MR2835SK Datasheet
74Kb / 5P
Overvoltage Transient Suppressor
July, 2006 ??Rev. 4
MR2520L ONSEMI-MR2520L_06 Datasheet
71Kb / 6P
Overvoltage Transient Suppressor
June, 2006 ??Rev. 3
logo
EIC discrete Semiconduc...
MR2520L EIC-MR2520L Datasheet
101Kb / 1P
OVERVOLTAGE TRANSIENT SUPPRESSOR
Rev.01:September 21, 2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com