Electronic Components Datasheet Search
  English  ▼

X  

82573 Datasheet(PDF) 13 Page - Intel Corporation

Part # 82573
Description  GbE Controllers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82573 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82573 Datasheet HTML 9Page - Intel Corporation 82573 Datasheet HTML 10Page - Intel Corporation 82573 Datasheet HTML 11Page - Intel Corporation 82573 Datasheet HTML 12Page - Intel Corporation 82573 Datasheet HTML 13Page - Intel Corporation 82573 Datasheet HTML 14Page - Intel Corporation 82573 Datasheet HTML 15Page - Intel Corporation 82573 Datasheet HTML 16Page - Intel Corporation 82573 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13
Datasheet—82573
2.5.2
System Management Bus (SMBus) Signals1
Note:
The signals listed in the following table should not be connected when using an 82573L.
Refer to the 82573/82562 Dual Footprint Design Guide reference schematics for more
information.
2.5.3
LED Signals
2.5.4
Other Signals
1. The 82573L does not support the System Management Bus (SMBus).
Signal
Type
Name and Function
SMB_CLK
I/O
SMBus Clock
The SMBus Clock signal is an open drain signal for the serial SMBus interface.
SMB_DAT
I/O
SMBus Data
The SMB Data signal is an open drain signal for the serial SMBus interface.
SMB_ALRT#/
ASF_PWR_
GOOD
I/O
SMBus Alert/PCI Power Good
The SMBus Alert signal is an open drain signal for serial SMBus interface. In ASF
mode, this signal acts as the PCI Power Good input signal.
Signal
Type
Name and Function
LED0#
O
LED0
This pin provides a signal for programmable LED indication.
LED1#
O
LED1
This pin provides a signal for programmable LED indication.
LED2#
O
LED2
This pin provides a signal for programmable LED indication.
Signal
Type
Name and Function
THERMn
THERMp
O
Thermal Test Pins
These pins are used for thermal testing. They can be connected to test points.
FUSEV
P
Fuse Supply
This should be connected to 2.5V for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com