Electronic Components Datasheet Search
  English  ▼

X  

82573 Datasheet(PDF) 21 Page - Intel Corporation

Part # 82573
Description  GbE Controllers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82573 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82573 Datasheet HTML 17Page - Intel Corporation 82573 Datasheet HTML 18Page - Intel Corporation 82573 Datasheet HTML 19Page - Intel Corporation 82573 Datasheet HTML 20Page - Intel Corporation 82573 Datasheet HTML 21Page - Intel Corporation 82573 Datasheet HTML 22Page - Intel Corporation 82573 Datasheet HTML 23Page - Intel Corporation 82573 Datasheet HTML 24Page - Intel Corporation 82573 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21
Datasheet—82573
3.3.4
Internal LVR Power Sequencing
All supplies should rise monotonically. Sequencing of the supplies is controlled by the
82573.
3.3.4.1
Power Up Sequencing and Tracking
During power up, the sequencing and tracking of the internally controlled supplies
(2.5V and 1.2V) are controlled by the 82573. No specific motherboard requirements
are necessary to prevent electrical overstress or latch-up.
The 82573 analog voltage (2.5V) never exceeds the 3.3V supply at any time during the
power up. This is because the 2.5V supply is generated from the 3.3V supply when the
internal voltage regulator control logic is being used. Figure 3 shows the internal LVR
circuit. The 2.5V supply tracks the 3.3V ramp.
The 82573 core voltage (1.2V) never exceeds the 3.3V at any time during the power
up. This is because the 2.5V supply is generated from the 3.3V supply when the
internal voltage regulator control logic is being used. Figure 3 shows the internal LVR
circuit. The 1.2V ramp is delayed internally to prevent it from exceeding the 2.5V and
3.3V supply at any time. The delay is proportional to the slope of the 3.3V ramp.
The delay is approximated by Tramp(3.3V)*0.25 < Tdelay(1.2V) < Tramp(3.3V)*0.75.
Tramp is defined to the ramp rate of the 3.3V input to the internal voltage regulator
circuit.
• It is recommended that the voltage on a lower voltage rail never exceed the
voltage on a higher voltage rail during power on.
• There are no minimum time requirements between the voltage rails as long as they
power up in sequence: 3.3V → 2.5V → 1.2V.
• All 3 supplies must be stable for at least 80 ms before LAN_PWR_GOOD is
asserted. 100 ms is preferable if possible.
• A PCIe* reset must occur after LAN Power Good is active.
3.3.4.2
Internal LVR Power Down Sequencing
There are no specific power down sequencing and tracking requirements for the 82573
device. The risk of latch-up or electrical overstress is small because the only charge
storing in decoupling capacitors is left in the system.
Figure 3.
Power Supply Sequencing
0
Voltage
1.2V
2.5V
3.3V
Minimum 80 ms
Time
LAN_PWR_GOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com