Electronic Components Datasheet Search
  English  ▼

X  

MCP1824S Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1824S
Description  300 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1824S Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1824S Datasheet HTML 6Page - Microchip Technology MCP1824S Datasheet HTML 7Page - Microchip Technology MCP1824S Datasheet HTML 8Page - Microchip Technology MCP1824S Datasheet HTML 9Page - Microchip Technology MCP1824S Datasheet HTML 10Page - Microchip Technology MCP1824S Datasheet HTML 11Page - Microchip Technology MCP1824S Datasheet HTML 12Page - Microchip Technology MCP1824S Datasheet HTML 13Page - Microchip Technology MCP1824S Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MCP1824/MCP1824S
DS22070A-page 10
© 2007 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Steady State
Maximum Junction Temperature
TJ
—
—
+150
°C
Transient
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 3LD SOT-223
θJA
—
62
—
°C/W
EIA/JEDEC JESD51-751-7
4 Layer Board
θJC
—15
—
Thermal Resistance, 5LD SOT-23
θJA
—
256
—
°C/W
EIA/JEDEC JESD51-751-7
4 Layer Board
θJC
—81
—
Thermal Resistance, 5LD SOT-223
θJA
—
62
—
°C/W
EIA/JEDEC JESD51-751-7
4 Layer Board
θJC
—15
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com