Electronic Components Datasheet Search
  English  ▼

X  

MCP1824S Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP1824S
Description  300 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1824S Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP1824S Datasheet HTML 14Page - Microchip Technology MCP1824S Datasheet HTML 15Page - Microchip Technology MCP1824S Datasheet HTML 16Page - Microchip Technology MCP1824S Datasheet HTML 17Page - Microchip Technology MCP1824S Datasheet HTML 18Page - Microchip Technology MCP1824S Datasheet HTML 19Page - Microchip Technology MCP1824S Datasheet HTML 20Page - Microchip Technology MCP1824S Datasheet HTML 21Page - Microchip Technology MCP1824S Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MCP1824/MCP1824S
DS22070A-page 18
© 2007 Microchip Technology Inc.
4.0
DEVICE OVERVIEW
The MCP1824/MCP1824S is a 300 mA output current,
Low Dropout (LDO) voltage regulator. The low dropout
voltage of 200 mV typical at 300 mA of current makes
it ideal for battery-powered applications. The input
voltage range is 2.1V to 6.0V. Unlike other high output
current LDOs, the MCP1824/MCP1824S only draws a
maximum of 220 µA of quiescent current. The
MCP1824 adds a shutdown control input pin and a
power good output pin. The two output voltage options
are fixed or adjustable. The adjustable option is
available on the MCP1824 devices. The adjustable out-
put voltage is set using two external resistors.
4.1
LDO Output Voltage
The MCP1824 LDO is available with either a fixed
output voltage or an adjustable output voltage. The
output voltage range is 0.8V to 5.0V for either version.
The MCP1824S LDO is available as a fixed voltage
device.
4.1.1
ADJUST INPUT
The adjustable version of the MCP1824 uses the ADJ
pin to get the output voltage feedback for output voltage
regulation. This allows the user to set the output volt-
age of the device with two external resistors. The nom-
inal voltage for ADJ is 0.41V.
Figure 4-1 shows the adjustable version of the
MCP1824. Resistors R1 and R2 form the resistor
divider network necessary to set the output voltage.
With this configuration, Equation 4-1 represents the
equation for setting VOUT.
EQUATION 4-1:
CALCULATING VOUT
FIGURE 4-1:
Typical Adjustable Output
Voltage Application Circuit.
The allowable resistance value range for resistor R2 is
from 10 k
Ω to 200 kΩ. Solving Equation 4-1 for R1
yields Equation 4-2.
EQUATION 4-2:
CALCULATING ADJ PIN
RESISTOR VALUES
4.2
Output Current and Current
Limiting
The MCP1824/MCP1824S LDO is tested and ensured
to supply a minimum of 300 mA of output current. The
MCP1824/MCP1824S has no minimum output load, so
the output load current can go to 0 mA and the LDO will
continue to regulate the output voltage to within
tolerance.
The MCP1824/MCP1824S also incorporates an output
current limit. If the output voltage falls below 0.7V due
to an overload condition (usually represents a shorted
load condition), the output current is limited to 720 mA
(typical). If the overload condition is a soft overload, the
MCP1824/MCP1824S will supply higher load currents
of up to 900 mA. The MCP1824/MCP1824S should not
be operated in this condition continuously as it may
result in failure of the device. However, this does allow
for device usage in applications that have higher
pulsed load currents having an average output current
value of 300 mA or less.
Output overload conditions may also result in an over-
temperature shutdown of the device. If the junction
temperature rises above 150°C (typical), the LDO will
shut down the output voltage. See Section 4.8 “Over-
temperature Protection” for more information on
overtemperature shutdown.
V
OUT
V
ADJ
R
1
R
2
+
R
2
------------------
⎝⎠
⎛⎞
=
Where:
VOUT
=
LDO Output Voltage
VADJ
=ADJ Pin Voltage
(typically 0.41V)
SHDN
GND
ADJ
2
1µF
VOUT
4.7 µF
VIN
On
Off
R1
R2
C1
C2
MCP1824-ADJ
1
3 4 5
R
1
R
2
V
OUT
V
ADJ
-------------
1
–
⎝⎠
⎛⎞
=
Where:
VOUT
=
LDO Output Voltage
VADJ
=ADJ Pin Voltage
(typically 0.41V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com