Electronic Components Datasheet Search
  English  ▼

X  

M48T129Y Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48T129Y
Description  5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T129Y Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48T129Y Datasheet HTML 13Page - STMicroelectronics M48T129Y Datasheet HTML 14Page - STMicroelectronics M48T129Y Datasheet HTML 15Page - STMicroelectronics M48T129Y Datasheet HTML 16Page - STMicroelectronics M48T129Y Datasheet HTML 17Page - STMicroelectronics M48T129Y Datasheet HTML 18Page - STMicroelectronics M48T129Y Datasheet HTML 19Page - STMicroelectronics M48T129Y Datasheet HTML 20Page - STMicroelectronics M48T129Y Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
M48T129V, M48T129Y
Clock operations
Doc ID 5710 Rev 4
17/28
Figure 11.
Backup mode alarm waveforms
3.7
Watchdog timer
The watchdog timer can be used to detect an out-of-control microprocessor. The user
programs the watchdog timer by setting the desired amount of time-out into the watchdog
register, address 1FFF7h. Bits BMB4-BMB0 store a binary multiplier and the two lower
order bits RB1-RB0 select the resolution, where 00 = 1/16 second, 01 = 1/4 second, 10 = 1
second, and 11 = 4 seconds. The amount of time-out is then determined to be the
multiplication of the five-bit multiplier value with the resolution. (For example: writing
00001110 in the watchdog register = 3*1 or 3 seconds).
Note:
Accuracy of timer is a function of the selected resolution.
If the processor does not reset the timer within the specified period, the M48T129Y/V sets
the WDF (watchdog flag) and generates a watchdog interrupt or a microprocessor reset.
WDF is reset by reading the flags register (address 1FFF0h). The most significant bit of the
watchdog register is the watchdog steering bit (WDS). When set to a '0,' the watchdog will
activate the IRQ/FT pin when timed-out. When WDS is set to a '1,' the watchdog will output
a negative pulse on the RST pin for 40 to 200 ms. The watchdog register and the FT bit will
reset to a '0' at the end of a watchdog time-out when the WDS bit is set to a '1.'
The watchdog timer can be reset by two methods:
1.
a transition (high-to-low or low-to-high) can be applied to the watchdog input pin (WDI);
or
2.
the microprocessor can perform a WRITE of the watchdog register.
The time-out period then starts over. The WDI pin should be tied to VSS if not used. The
watchdog will be reset on each transition (edge) seen by the WDI pin. In the order to
perform a software reset of the watchdog timer, the original time-out period can be written
into the watchdog register, effectively restarting the count-down cycle.
AI01678C
VCC
IRQ/FT
HIGH-Z
VPFD (max)
VPFD (min)
AFE bit in Interrupt Register
AF bit in Flags Register
HIGH-Z
VSO
tREC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com