Electronic Components Datasheet Search
  English  ▼

X  

M48T129Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48T129Y
Description  5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T129Y Datasheet(HTML) 5 Page - STMicroelectronics

  M48T129Y Datasheet HTML 1Page - STMicroelectronics M48T129Y Datasheet HTML 2Page - STMicroelectronics M48T129Y Datasheet HTML 3Page - STMicroelectronics M48T129Y Datasheet HTML 4Page - STMicroelectronics M48T129Y Datasheet HTML 5Page - STMicroelectronics M48T129Y Datasheet HTML 6Page - STMicroelectronics M48T129Y Datasheet HTML 7Page - STMicroelectronics M48T129Y Datasheet HTML 8Page - STMicroelectronics M48T129Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
M48T129V, M48T129Y
Description
Doc ID 5710 Rev 4
5/28
1
Description
The M48T129Y/V TIMEKEEPER® RAM is a 128 Kb x 8 non-volatile static RAM and real-
time clock with programmable alarms and a watchdog timer. The special DIP package
provides a fully integrated battery-backed memory and real-time clock solution. The
M48T129Y/V directly replaces industry standard 128 Kb x 8 SRAM. It also provides the non-
volatility of Flash without any requirement for special WRITE timing or limitations on the
number of WRITEs that can be performed.
The 32-pin, 600 mil DIP hybrid houses a controller chip, SRAM, quartz crystal, and a long-
life lithium button cell in a single package.
Figure 1.
Logic diagram
Table 1.
Signal names
A0-A16
Address inputs
DQ0-DQ7
Data Inputs / outputs
E
Chip enable input
G
Output enable input
W
WRITE enable input
RST
Reset output (open drain)
IRQ/FT
Interrupt / frequency test output (open drain)
VCC
Supply voltage
VSS
Ground
AI02260
17
A0-A16
DQ0-DQ7
VCC
M48T129Y
M48T129V
G
VSS
8
E
W
RST
IRQ/FT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com