Electronic Components Datasheet Search
  English  ▼

X  

ST72101 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST72101
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST72101 Datasheet HTML 4Page - STMicroelectronics ST72101 Datasheet HTML 5Page - STMicroelectronics ST72101 Datasheet HTML 6Page - STMicroelectronics ST72101 Datasheet HTML 7Page - STMicroelectronics ST72101 Datasheet HTML 8Page - STMicroelectronics ST72101 Datasheet HTML 9Page - STMicroelectronics ST72101 Datasheet HTML 10Page - STMicroelectronics ST72101 Datasheet HTML 11Page - STMicroelectronics ST72101 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
8/85
ST72101/ST72212/ST72213
Table 3. ST72101 Pin Configuration
Pin n°
SDIP32
Pin n°
SO28
Pin Name
Type
Description
Remarks
1
1
RESET
I/O
Bidirectional. Active low. Top priority non maskable interrupt.
2
2
OSCIN
I
Input/Output Oscillator pin. These pins connect a parallel-resonant crystal, or
an external source to the on-chip oscillator.
3
3
OSCOUT
O
4
4
PB7/SS
I/O
Port B7 or SPI Slave Select (active low)
External Interrupt: EI1
5
5
PB6/SCK
I/O
Port B6 or SPI Serial Clock
External Interrupt: EI1
6
6
PB5/MISO
I/O
Port B5 or SPI Master In/ Slave Out Data
External Interrupt: EI1
7
7
PB4/MOSI
I/O
Port B4 or SPI Master Out / Slave In Data
External Interrupt: EI1
8
NC
Not Connected
9
NC
Not Connected
10
8
PB3/OCMP2_A
I/O
Port B3 or TimerA Output Compare 2
External Interrupt: EI1
11
9
PB2/ICAP2_A
I/O
Port B2 or TimerA Input Capture 2
External Interrupt: EI1
12
10
PB1/OCMP1_A
I/O
Port B1 or TimerA Output Compare 1
External Interrupt: EI1
13
11
PB0/ICAP1_A
I/O
Port B0 or TimerA Input Capture 1
External Interrupt: EI1
14
12
PC5/EXTCLK_A
I/O
Port C5 or TimerA Input Clock
External Interrupt: EI1
15
13
PC4
I/O
Port C4
External Interrupt: EI1
16
14
PC3
I/O
Port C3
External Interrupt: EI1
17
15
PC2/CLKOUT
I/O
Port C2 or Internal Clock Frequency Output. Clockout
is driven by MCO bit of the miscellaneous register.
External Interrupt: EI1
18
16
PC1
I/O
Port C1
External Interrupt: EI1
19
17
PC0
I/O
Port C0
External Interrupt: EI1
20
18
PA7
I/O
Port A7, High Sink
External Interrupt: EI0
21
19
PA6
I/O
Port A6, High Sink
External Interrupt: EI0
22
20
PA5
I/O
Port A5, High Sink
External Interrupt: EI0
23
21
PA4
I/O
Port A4, High Sink
External Interrupt: EI0
24
NC
Not Connected
25
NC
Not Connected
26
22
PA3
I/O
Port A3, High Sink
External Interrupt: EI0
27
23
PA2
I/O
Port A2, High Sink
External Interrupt: EI0
28
24
PA1
I/O
Port A1, High Sink
External Interrupt: EI0
29
25
PA0
I/O
Port A0, High Sink
External Interrupt: EI0
30
26
TEST/VPP
(1)
I/S
Test mode pin (should be tied low in user mode). In the EPROM programming
mode, this pin acts as the programming voltage input VPP.
31
27
VSS
S
Ground
32
28
VDD
S
Main power supply
Note 1: VPP on EPROM/OTP only.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com