Electronic Components Datasheet Search
  English  ▼

X  

USB-6221 Datasheet(PDF) 14 Page - National Instruments Corporation

Part # USB-6221
Description  This document provides dimensions, pinouts, and information about the connectors, switch, LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6221 Datasheet(HTML) 14 Page - National Instruments Corporation

Back Button USB-6221 Datasheet HTML 10Page - National Instruments Corporation USB-6221 Datasheet HTML 11Page - National Instruments Corporation USB-6221 Datasheet HTML 12Page - National Instruments Corporation USB-6221 Datasheet HTML 13Page - National Instruments Corporation USB-6221 Datasheet HTML 14Page - National Instruments Corporation USB-6221 Datasheet HTML 15Page - National Instruments Corporation USB-6221 Datasheet HTML 16Page - National Instruments Corporation USB-6221 Datasheet HTML 17Page - National Instruments Corporation USB-6221 Datasheet HTML 18Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
NI USB-622x/625x/628x OEM User Guide
14
ni.com
Connecting the USB-622x/625x/628x OEM Device to
Your Chassis
The USB-622x/625x/628x OEM device includes several plated mounting
holes that are designed for customer grounded connections, as shown in
Figure 12.
Caution
Do not use the holes labeled A in Figure 12 as mounting holes.
Figure 12. Customer Mounting Holes
(USB-6225/6229/6255/6259/6289 OEM Shown)
Caution
(USB-628x Devices)
Exercise caution when placing USB-628x OEM devices inside
an enclosure. Auxiliary cooling may be necessary to keep the device under the maximum
ambient temperature rating of 45 °C, as specified in the NI 628x Specifications.
Mounting Hole Connected
to Chassis Ground
A
A
A
Do Not Use These
as Mounting Holes
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com