Electronic Components Datasheet Search
  English  ▼

X  

USB-6221 Datasheet(PDF) 16 Page - National Instruments Corporation

Part # USB-6221
Description  This document provides dimensions, pinouts, and information about the connectors, switch, LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6221 Datasheet(HTML) 16 Page - National Instruments Corporation

Back Button USB-6221 Datasheet HTML 12Page - National Instruments Corporation USB-6221 Datasheet HTML 13Page - National Instruments Corporation USB-6221 Datasheet HTML 14Page - National Instruments Corporation USB-6221 Datasheet HTML 15Page - National Instruments Corporation USB-6221 Datasheet HTML 16Page - National Instruments Corporation USB-6221 Datasheet HTML 17Page - National Instruments Corporation USB-6221 Datasheet HTML 18Page - National Instruments Corporation USB-6221 Datasheet HTML 19Page - National Instruments Corporation USB-6221 Datasheet HTML 20Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
NI USB-622x/625x/628x OEM User Guide
16
ni.com
Device Components
Table 1 contains information about the components used for interfacing
and interacting with the USB-622x/625x/628x OEM device.
Table 1. USB-622x/625x/628x OEM Components
Component
Reference Designator(s) on PCB
Manufacturer
Manufacturer
Part Number
LEDs
DS1
Dialight
553-0332
34-pin connectors
(USB-6221/6251/6281 OEM)
J1
3M
N2534-6002RB
(USB-6225/6229/6255/6259/6289
OEM)
J1, J2
50-pin connectors
(USB-6221/6251/6281 OEM)
P1
3M
N2550-6002UB
(USB-6225/6229/6255/6259/6289
OEM)
P1, P2
USB connector
J3
AMP
787780-1
Power connector
(USB-6221/6229 OEM)
J6
Switchcraft
722RA
(USB-6225/6255 OEM)
J4
(USB-6251/6259/6281/6289 OEM)
J8
Power switch
SW1
ITT Industries,
Cannon
E101J1A3QE2
T 2A 250V fuse
XF1
Littelfuse
218.002XP
F 2A 125V fuse
(USB-6281/6289 OEM)
F1
Littelfuse
0453002
68-pin
connectors*
(USB-6221 OEM)
J8
Honda
PCS-E68RLMD1+
(USB-6225/6229/6255 OEM)
J7, J8
(USB-6251/6281 OEM)
J7
(USB-6259/6289 OEM)
J6, J7
* Optional mass termination connectors. These are not populated by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com