Electronic Components Datasheet Search
  English  ▼

X  

M48T37Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48T37Y
Description  5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48T37Y Datasheet HTML 4Page - STMicroelectronics M48T37Y Datasheet HTML 5Page - STMicroelectronics M48T37Y Datasheet HTML 6Page - STMicroelectronics M48T37Y Datasheet HTML 7Page - STMicroelectronics M48T37Y Datasheet HTML 8Page - STMicroelectronics M48T37Y Datasheet HTML 9Page - STMicroelectronics M48T37Y Datasheet HTML 10Page - STMicroelectronics M48T37Y Datasheet HTML 11Page - STMicroelectronics M48T37Y Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Operation modes
M48T37Y, M48T37V
8/30
Doc ID 7019 Rev 9
2
Operation modes
As Figure 3 on page 7 shows, the static memory array and the quartz controlled clock
oscillator of the M48T37Y/V are integrated on one silicon chip. The memory locations that
provide user accessible BYTEWIDE™ clock information are in the bytes with addresses
7FF1 and 7FF9h-7FFFh (located in Table 5 on page 13). The clock locations contain the
century, year, month, date, day, hour, minute, and second in 24-hour BCD format.
Corrections for 28, 29 (leap year - valid until the year 2100), 30, and 31 day months are
made automatically.
Byte 7FF8h is the clock control register. This byte controls user access to the clock
information and also stores the clock calibration setting.
Byte 7FF7h contains the watchdog timer setting. The watchdog timer redirects an out-of-
control microprocessor and provides a reset or interrupt to it. Bytes 7FF2h-7FF5h are
reserved for clock alarm programming. These bytes can be used to set the alarm. This will
generate an active low signal on the IRQ/FT pin when the alarm bytes match the date,
hours, minutes, and seconds of the clock. The eight clock bytes are not the actual clock
counters themselves; they are memory locations consisting of BiPORT™ READ/WRITE
memory cells. The M48T37Y/V includes a clock control circuit which updates the clock bytes
with current information once per second. The information can be accessed by the user in
the same manner as any other location in the static memory array.
The M48T37Y/V also has its own power-fail detect circuit. The control circuitry constantly
monitors the single VCC supply for an out of tolerance condition. When VCC is out of
tolerance, the circuit write protects the SRAM, providing a high degree of data security in the
midst of unpredictable system operation brought on by low VCC. As VCC falls below the
battery backup switchover voltage (VSO), the control circuitry connects the battery which
maintains data and clock operation until valid power returns.
Table 2.
Operating modes
Note:
X = VIH or VIL; VSO = Battery backup switchover voltage.
2.1
READ mode
The M48T37Y/V is in the READ mode whenever WRITE enable (W) is high and chip enable
(E) is low. The unique address specified by the 15 address inputs defines which one of the
32,752 bytes of data is to be accessed. Valid data will be available at the data I/O pins within
address access time (tAVQV) after the last address input signal is stable, providing that the E
and output enable (G) access times are also satisfied. If the E and G access times are not
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.5 to 5.5 V
or
3.0 to 3.6 V
VIH
X
X
High Z
Standby
WRITE
VIL
XVIL
DIN
Active
READ
VIL
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
(1)
1.
See Table on page 23 for details.
X
X
X
High Z
CMOS standby
Deselect
≤ VSO(1)
X
X
X
High Z
Battery backup mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com